Electronic Components Datasheet Search
  English  ▼

X  

08270 Datasheet(PDF) 2 Page - 3M Electronics

Part # 08270
Description  SMC/ Fiberglass Repair Adhesive - 1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08270 Datasheet(HTML) 2 Page - 3M Electronics

  08270 Datasheet HTML 1Page - 3M Electronics 08270 Datasheet HTML 2Page - 3M Electronics 08270 Datasheet HTML 3Page - 3M Electronics 08270 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ SMC/Fiberglass Repair Adhesive - 1
08270
Other Applications
• Bonding flexible plastics if used in combination with 3M™ Polyolefin Adhesion
Promoter, PN 05907.
• Bonding rigid plastics such as SMC, FRP, and Metton
® to primed metal.
• May be used as a cosmetic filler if desired. Note: DO NOT apply a two part
polyester filler or putty over PN 08270. For easier finishing, 3M recommends
using 3M™ Rigid Parts Repair, PN 08275, as a cosmetic filler.
• Bonding industrial and marine composites.
Use with the following applicators; PN 08280 or PN 08284.
Use with the following 3M™ Mixing Nozzles; PN 08193 or PN 08194.
Typical Performance
Properties
The following times have been determined with ambient air temperature and
substrate temperature @ 73°F (23°C) and are considered typical values.
MIX NOZZLE DWELL TIME:
1 minute
WORK TIME:
1.5 minutes
CLAMP TIME:
5 minutes
SAND TIME:
15 minutes
CURE TIME:
10 minutes
PAINT TIME:
N/A
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.
Overlap Shear Strength, tested @ 73°F (23°C)
1" x 4" coupon, with 1" overlap. 30 mil bond thickness.
Lap Shear, SMC
1,140 PSI
ASTM D3163
Lap Shear, Metton
®
1,543 PSI
ASTM D3163
Tensile Strength
3,720 PSI
ASTM D638-10
Elongation
59%
ASTM D638-10
Tensile Modulus
(1 day cure)
145,000 PSI
ASTM D638-10
Stress @ 5% strain
(1 day cure)
(7 day cure)
3,600 PSI
5,300 PSI
ASTM D790-07
ASTM D790-07
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com