Electronic Components Datasheet Search
  English  ▼

X  

08370 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08370
Description  MSP SeamSealer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08370 Datasheet(HTML) 1 Page - 3M Electronics

  08370 Datasheet HTML 1Page - 3M Electronics 08370 Datasheet HTML 2Page - 3M Electronics 08370 Datasheet HTML 3Page - 3M Electronics 08370 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSP Seam Sealer
08369 • 08370
Technical Data Sheet
December, 2015
3M Part No.(s)
3M Part Descriptor(s)
08369; 08370
3M™ MSP Seam Sealer
Product Description 3M™ MSP Seam Sealer is a premium one-part moisture-curing automotive seam
sealer designed for application to exterior and interior body seams. 3M™ MSP Seam
Sealer may be applied to properly prepared primer/paint coated surfaces or properly
prepared bare metal surfaces. 3M™ MSP Seam Sealer also functions as a weld through
sealer when used in conjunction with squeeze type resistance spot welding (STRSW)
operations. 3M™ MSP Seam Sealer may be painted with common automotive type
paint systems (water and solvent borne systems) in thirty minutes and up to twenty
four hours later (scuff after 24 hours).
Features
• Flexible 310 mL Package
• Moisture Cure Technology
• Weld Through Capability
• Direct to Metal Application
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Container
310 ml Flexpak
Base
Modified Silane Polymer
Density
11.9 lbs/gal.
Color
White (08369), Gray (08370)
Flash Point
144°F (62°C)
Viscosity
1,000,000,000 cps
Solids
97%
Consistency
Paste
Service Temperature
-30°F to 200°F (-34°C to 93°C)
Solvent
Minimal Naphtha


Similar Part No. - 08370

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08374 3M-08374 Datasheet
151Kb / 5P
3M™ Ultrapro™ MSP Sprayable Seam Sealer
24-Feb-2004
logo
Vicor Corporation
08376 VICOR-08376 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08376-02 VICOR-08376-02 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
08377-1 VICOR-08377-1 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
More results

Similar Description - 08370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP-EXP430FR5739 TI1-MSP-EXP430FR5739 Datasheet
1Mb / 23P
MSP-EXP430FR5739 FRAM Experimenter Board
SLAU330A TI1-SLAU330A Datasheet
7Mb / 36P
MSP-EXP430F5529 Experimenter Board
logo
Bourns Electronic Solut...
2377-45-HS BOURNS-2377-45-HS Datasheet
228Kb / 2P
MSP Maximum Duty Station Protector
2378-35-HS BOURNS-2378-35-HS Datasheet
161Kb / 2P
MSP Heavy Duty Station Protector
2410 BOURNS-2410 Datasheet
158Kb / 2P
5-Pin Multi-Stage Protector (MSP)
logo
3M Electronics
08329 3M-08329 Datasheet
46Kb / 4P
Control-Flow SeamSealer
Jul-2017
08374 3M-08374 Datasheet
151Kb / 5P
3M™ Ultrapro™ MSP Sprayable Seam Sealer
24-Feb-2004
08656 3M-08656 Datasheet
43Kb / 3P
Brushable SeamSealer Gray
Jul-2017
08307 3M-08307 Datasheet
47Kb / 4P
Self-Leveling SeamSealer
Jul-2017
logo
Texas Instruments
MSP-EXP432P401R TI-MSP-EXP432P401R Datasheet
7Mb / 39P
MSP‑EXP432P401R LaunchPad™ Evaluation Kit
March 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com