| Electronic Components Datasheet Search |
|
08370 Datasheet(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
08370 Datasheet(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() 3M™ MSP Seam Sealer 08369 • 08370 Directions for Use (continued) Next 1. Clean the surface with a VOC compliant surface cleaner to remove any contaminates. 2. Grind any weld nuggets (grade 50 to 80) or scuff spot weld locations using a non woven coarse grade surface conditioning disc or belt. 3. Blow off and re-clean the surface to ensure proper adhesion. 4. Install foil package into barrel of 3M™ Flexible Package Applicator Gun, P.N. 08398. 5. Using a scissors, cut a small opening across the top end of package and fold back flaps. 6. Place nozzle over the opened end onto the gun barrel. 7. Replace the retaining collar. 8. Cut nozzle to provide desired bead size. 9. Apply seam sealer and tool (if necessary) to desired finished appearance. 10. Allow 30 minutes before painting, after 24 hours scuff with a 3M™ Scotch-Brite scuff pad. NOTE: 3M™ MSP Seam Sealer may be applied to properly prepared bare metal and/or primer/paint coated surfaces, and can be used as a “weld through” sealer when squeeze type resistance spot welding equipment is used. Acid etch primer is not recommended to be used in direct contact with any 3M seam sealer. Residual acid can weaken the bond. Applications General purpose automotive seams, including door skins, rocker panels, rear body panels, trunk seams, floor pans, etc. Storage and Handling Store at room temperature. Rotate stock on a “first-in-first-out” basis. When stored at the recommended conditions in original, unopened containers, this product has a shelf life of 12 months. Use in a well-ventilated area. - 3 - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |