Electronic Components Datasheet Search
  English  ▼

X  

EVALSTISO62XV1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVALSTISO62XV1
Description  Dual channel digital isolator evaluation board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTISO62XV1 Datasheet(HTML) 2 Page - STMicroelectronics

  EVALSTISO62XV1 Datasheet HTML 1Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 2Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 3Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 4Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 5Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagram and bill of materials
Figure 1. Schematic diagram
GND2
GND1
VDD1
VDD2
GND1
GND1
GND1
GND1
VDD1
GND1
VDD1
GND2
GND1
GND1
VDD1
GND1
GND2
GND2
GND2
VDD2
GND2
VDD2
GND2
GND2
VDD2
R9
50R
TP1
C8
15pF
TP3
FMT2
FID40RD_80RD
TP4
J1
1
2
C5
100nF
J6
R8
NM
TP2
J3
FMT3
FID40RD_80RD
C3
15pF
C1
10uF
CN2
SMA conn.
S
1
J7
C4
15pF
J2
R11
NM
U1
STISOxxx_SO8N
VDD1
1
A1
2
B1
3
GND1
4
VDD2
8
B2
6
A2
7
GND2
5
C7
15pF
R2
NM
J8
J5
CN4
SMA conn.
S
1
U2
STISOxxx_SO8W
VDD1
1
A1
2
B1
3
GND1
4
VDD2
8
B2
6
A2
7
GND2
5
R1
NM
CN1
SMA conn.
S
1
C2
10uF
R7
NM
R5
NM
R4
NM
J4
1
2
R10
NM
CN3
SMA conn.
S
1
R6
50R
R3
50R
C6
100nF
FMT1
FID40RD_80RD
R12
50R
EVALSTISO62XV1
Schematic diagram and bill of materials
DB4342 - Rev 1
page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com