Electronic Components Datasheet Search
  English  ▼

X  

EVALSTISO62XV1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVALSTISO62XV1
Description  Dual channel digital isolator evaluation board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTISO62XV1 Datasheet(HTML) 3 Page - STMicroelectronics

  EVALSTISO62XV1 Datasheet HTML 1Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 2Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 3Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 4Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 5Page - STMicroelectronics EVALSTISO62XV1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table 1. Bill of materials
Item
Quantity
Reference
Description
Part / Value
Voltage
Power
Tolerance
Package
Manufacturer’s
Order Code /
Orderable Part
Number
Manufacturer
Additional
Notes
1
4
CN1,CN2,
CN3,CN4
SMA PCB
THT
Straight 50
ohm
connector
SMA conn.
60312002114503
or equivalent
Wurth Elektronik
Not
mounted
2
2
C1,C2
SMT
ceramic
capacitor
10uF
6V3
Size
0805
3
4
C3,C4,C7,
C8
SMT
ceramic
capacitor
15pF
6V3
Size
0603
4
2
C5,C6
SMT
ceramic
capacitor
100nF
6V3
Size
0603
5
2
J1,J4
Terminal
block T.H. 2
positions,
3.5 mm
MORSV-350-2P_s
crew
Pitch 3,5
mm
691214110002 or
equivalent
Wurth Elektronik
6
6
J2,J3,J5,
J6,J7,J8
Strip
connector 2
pos, 2.54
mm
STRIP 2poli
1x2 pins
61300211121 or
equivalent
Wurth Elektronik
7
8
R1,R2,R4,
R5,R7,
R8,R10,R1
1
SMT
resistor
NM
0.1 W
Size
0603
Not mounted
Not
mounted
8
4
R3,R6,R9,
R12
SMT
resistor
50R
0.1 W
Size
0603
Not
mounted
9
4
TP1,TP2,T
P3,TP4
65x128 mils
SMD
hardware
test points
TP-SMD-
S1751-46R
SMD
65x128
pad
S1751-46R or
equivalent
HARWIN
10
1
U1
Dual
channel
digital
isolator
STISOxxx_SO8N
STMicroelectronics
Not
mounted
11
1
U2
Dual
channel
digital
isolator
STISOxxx_SO8W
STMicroelectronics
Not
mounted
EVALSTISO62XV1
Schematic diagram and bill of materials
DB4342 - Rev 1
page 3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com