Electronic Components Datasheet Search
  English  ▼

X  

828CP Datasheet(PDF) 4 Page - 3M Electronics

Part # 828CP
Description  3M EXPERT 3M™ Scotch® Custom Printed Pouch Tape 828CP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

828CP Datasheet(HTML) 4 Page - 3M Electronics

  828CP Datasheet HTML 1Page - 3M Electronics 828CP Datasheet HTML 2Page - 3M Electronics 828CP Datasheet HTML 3Page - 3M Electronics 828CP Datasheet HTML 4Page - 3M Electronics 828CP Datasheet HTML 5Page - 3M Electronics 828CP Datasheet HTML 6Page - 3M Electronics 828CP Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3M™ Scotch® Custom Printed Pouch Tape 828CP
Typical Performance Characteristics (continued)
Property
Values
Method
Backing
Notes
Transverse
Tensile
Strength
105 N/cm
60 lb/in
ASTM
D3759
Elongation
at Break
160 %
ASTM
D3759
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
101 (bulk only) m
111 (bulk only) yd
Core Size
76.2 mm
3 in
ID
Standard Size
4"x6" 4"x8" 4"x10" 4"x12"
5"x6" 5"x8" 5"x10" 5"x12"
6"x6" 6"x8" 6"x10" 6"x12"
Handling/Application Information
Application Techniques
M-797 dispenser is recommended for manual dispensing of #828 tapes. If special dispensing needs require
modi ed or custom equipment, please contact your local 3M Packaging Systems Sales Representative.
Storage and Shelf Life
It is recommended that #828 tapes be stored at 70°F (21°C) and 40-50% relative humidity prior to use.
To obtain best performance, use this product within 18 months from date of manufacture.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com