Electronic Components Datasheet Search
  English  ▼

X  

828CP Datasheet(PDF) 3 Page - 3M Electronics

Part # 828CP
Description  3M EXPERT 3M™ Scotch® Custom Printed Pouch Tape 828CP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

828CP Datasheet(HTML) 3 Page - 3M Electronics

  828CP Datasheet HTML 1Page - 3M Electronics 828CP Datasheet HTML 2Page - 3M Electronics 828CP Datasheet HTML 3Page - 3M Electronics 828CP Datasheet HTML 4Page - 3M Electronics 828CP Datasheet HTML 5Page - 3M Electronics 828CP Datasheet HTML 6Page - 3M Electronics 828CP Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Scotch® Custom Printed Pouch Tape 828CP
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Substrate
Color
Transparent Film
with a Selection of
Six Bright Colors
(Red, Blue, Green,
Yellow, Orange, and
Black)
Total Tape
Thickness
0.066 mm
2.5 mil
ASTM D3652
Backing
Scotchpro™ Film
Adhesive
Pressure Sensitive
Rubber Resin
Holding Power
2000+ min
ASTM D3654
Fiberboard
Typical Performance Characteristics
Table continued on next page
Property
Values
Method
Backing
Notes
180° Peel
Adhesion
5.5 N/cm
50 oz/in
ASTM
D3330
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
Longitudinal
Tensile
Strength
52.5 N/cm
30 lb/in
ASTM
D3759



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com