Electronic Components Datasheet Search
  English  ▼

X  

B23F Datasheet(PDF) 5 Page - 3M Electronics

Part # B23F
Description  3M™ VHB™ Structural Glazing Tape B23F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

B23F Datasheet(HTML) 5 Page - 3M Electronics

  B23F Datasheet HTML 1Page - 3M Electronics B23F Datasheet HTML 2Page - 3M Electronics B23F Datasheet HTML 3Page - 3M Electronics B23F Datasheet HTML 4Page - 3M Electronics B23F Datasheet HTML 5Page - 3M Electronics B23F Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ VHB™ Structural Glazing Tape B23F
Family Group (continued)
ISO Statement
Information
B23F
G23F
Adhesive
High Performance Acrylic
High Performance Acrylic
Adhesive Carrier
Acrylic Foam (closed cell)
Acrylic Foam (closed cell)
Adhesive Thickness
(mm)
2.3
2.3
Liner
Red Polyethylene Film
Red Polyethylene Film
Liner Thickness (mm)
0.125
0.125
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
Technical Information: The technical information, guidance, and other statements contained in this document or otherwise provided by 3M are based upon records,
tests, or experience that 3M believes to be reliable, but the accuracy, completeness, and representative nature of such information is not guaranteed. Such
information is intended for people with knowledge and technical skills su cient to assess and apply their own informed judgment to the information. No license under
any 3M or third party intellectual property rights is granted or implied with this information.
Product Selection and Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can a ect the use and performance of a 3M product
in a particular application. As a result, customer is solely responsible for evaluating the product and determining whether it is appropriate and suitable for customer’s
application, including conducting a workplace hazard assessment and reviewing all applicable regulations and standards (e.g., OSHA, ANSI, etc.). Failure to properly
evaluate, select, and use a 3M product and appropriate safety products, or to meet all applicable safety regulations, may result in injury, sickness, death, and/or harm
to property.
Warranty, Limited Remedy, and Disclaimer: 3M warrants for 24 months from the date of 3M shipment that 3M™ VHB™ Tape will be free of defects in material and
manufacture. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR
CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR ARISING OUT OF A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE.
This warranty does not cover damage resulting from the use or inability to use 3M™ VHB™ Tape due to misuse, workmanship in application, or application or storage
not in accordance with 3M recommended procedures (except to the extent 3M approves and issues a speci c application warranty, for which the customer must
apply, receive 3M approval, and meet all applicable warranty and process requirements, the additional details, terms, and conditions of which are available from 3M).
If a 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase
price.
Limitation of Liability: Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will not be liable for any loss or damage arising from
or related to the 3M product, whether direct, indirect, special, incidental, or consequential (including, but not limited to, lost pro ts or business opportunity),
regardless of the legal or equitable theory asserted, including, but not limited to, warranty, contract, negligence, or strict liability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com