Electronic Components Datasheet Search
  English  ▼

X  

B23F Datasheet(PDF) 1 Page - 3M Electronics

Part # B23F
Description  3M™ VHB™ Structural Glazing Tape B23F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

B23F Datasheet(HTML) 1 Page - 3M Electronics

  B23F Datasheet HTML 1Page - 3M Electronics B23F Datasheet HTML 2Page - 3M Electronics B23F Datasheet HTML 3Page - 3M Electronics B23F Datasheet HTML 4Page - 3M Electronics B23F Datasheet HTML 5Page - 3M Electronics B23F Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
November, 2017
3M™ VHB™ Structural Glazing Tape B23F
Product Description
Finite Element Analysis (FEA) data is available for this product at: 3m.com/FEA
3M™ VHB™ Structural Glazing Tapes are fully-cured, durable, high performance double-sided pressure
sensitive acrylic foam tapes. They are used for attaching glass and other in ll panels to metal frames in curtain
wall systems, commercial windows and doors, skylight and canopy systems replacing commonly used
mechanical fasteners, gaskets or structural silicone sealants. Application performance history since 1990 and
3rd party test results demonstrate the outstanding durability, UV resistance and temperature performance of
3M™ VHB™ Tape acrylic foam chemistry.


Similar Part No. - B23F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
FEMALE HEADER PROFILE : 5.0mm STRAIGHT
logo
PowerDynamics, Inc
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
logo
Jinan Jingheng (Group) ...
B23 JINANJINGHENG-B23 Datasheet
63Kb / 2P
BARRIER RECTIFIER Reverse Voltage - 25 Volts Forward Current -2.0Ampere
logo
Trumeter Technologies
B23-4916A TRUMETER-B23-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
B23-4916B TRUMETER-B23-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - B23F

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
3M™ VHB™ Tape
Sep-2017
G23F 3M-G23F Datasheet
141Kb / 6P
3M™ VHB™ Structural Glazing Tape G23F
Nov-2017
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M VHB Tape LSE Series
Oct-2019
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
3M™ VHB™ Tape GPH-110GF
Jun-2020
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com