Electronic Components Datasheet Search
  English  ▼

X  

TE030 Datasheet(PDF) 2 Page - 3M Electronics

Part # TE030
Description  Scotch-Weld Pipe Sealant PS77 Polyurethane Reactive Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TE030 Datasheet(HTML) 2 Page - 3M Electronics

  TE030 Datasheet HTML 1Page - 3M Electronics TE030 Datasheet HTML 2Page - 3M Electronics TE030 Datasheet HTML 3Page - 3M Electronics TE030 Datasheet HTML 4Page - 3M Electronics TE030 Datasheet HTML 5Page - 3M Electronics TE030 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Scotch-Weld
TM
Polyurethane Reactive Adhesives
TE015 • TE030 • TE100 • TE200
Typical Cured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Property
TE015
TE030
TE100
TE200
Shore D Hardness1
65
60
61
60
Modulus2
25,000 psi
11,200 psi
12,200 psi
9,700 psi
Tensile Strength @ Break2
3,950 psi
3,800 psi
4,200 psi
4,000 psi
Elongation @ Break2
750%
725%
675%
625%
1
Measured on .090" - .110" thick bars
2
ASTM D 638, Die C, measured on .011" - .017" thick films cured 7 days at 77°F (25°C)/50%
relative humidity (RH)
- 2 -
Directions for Use
Apply to clean, dry surfaces. Remove oil, grease and other contaminants by wiping
with isopropyl alcohol.* For fiber reinforced plastics and other materials that are
often contaminated with mold release agents, it is recommended that the surface be
solvent wiped, abraded and solvent-wiped.* For additional information, see section
on surface preparation. After heating to recommended application temperature, apply
adequate amount of 3M™ Scotch-Weld™ Polyurethane Reactive Adhesive to one of
the substrates to be bonded. Join the substrates within the adhesives specified open
time and hold/fixture the bonded part until the adhesive has adequately set. Do not
use to bond metal or glass to itself or each other or cure will not occur due to low
moisture vapor transmission of the substrate.
(Important: Adhesive heated at application temperature for more than 16 hours
should be discarded.)
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
Dispensing Equipment
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive Cartridges can only be
dispensed through the 3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Applicator. Other container sizes can be dispensed through bulk equipment
specifically designed for use with hot melt polyurethane reactive adhesives (P.U.R.).
For more information on P.U.R. application equipment, contact your local 3M sales
representative. All equipment must be used in strict accordance with the
recommendations of the manufacturer.
WARNING: Do not use Scotch-Weld polyurethane reactive adhesive above
275°F (135°C). Scotch-Weld polyurethane reactive adhesive should not be
applied to substrates that exceed 275°F (135°C).
Caution: Wear heat resistant gloves and safety glasses when handling.
Container sizes available: 10 fl. oz. cartridge, 2 kilogram foil bag, 1 gallon can, five
gallon pail, 55 gallon drum.
Handling/Curing
Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com