Electronic Components Datasheet Search
  English  ▼

X  

TE030 Datasheet(PDF) 3 Page - 3M Electronics

Part # TE030
Description  Scotch-Weld Pipe Sealant PS77 Polyurethane Reactive Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TE030 Datasheet(HTML) 3 Page - 3M Electronics

  TE030 Datasheet HTML 1Page - 3M Electronics TE030 Datasheet HTML 2Page - 3M Electronics TE030 Datasheet HTML 3Page - 3M Electronics TE030 Datasheet HTML 4Page - 3M Electronics TE030 Datasheet HTML 5Page - 3M Electronics TE030 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Overlap Shear Strength (psi), tested @ 73°F (23°C)
Overlap Shear Strength (psi), tested @ 180°F (82°C)
Scotch-Weld
TM
Polyurethane Reactive Adhesives
TE015 • TE030 • TE100 • TE200
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Substrate
TE015
TE030
TE100
TE200
Maple
1,650
1,890
1,910
1,950
FRP
1,2751
2,380
2,550
1,7001
Polycarbonate
1,760
1,750
2,010
2,2001
Polyacrylic
1,1501
650
1,1501
1,2501
Polystyrene
370
580
200
6501
ABS
9451
770
9201
1,2501
PVC
1,1501
1,7601
2,1001
2,1501
- 3 -
Cleanup: Allow product to solidify. Remove uncured waxy material (usually within
the first 20 minutes after application) by scraping with a putty knife or similar tool.
For cured material, remove by cutting or sanding. Do not use heat or flame to
remove adhesive.
Cure Time: The cure rate will vary depending on air temperature, relative humidity,
substrate type and bond line thickness. Cure rate is more rapid on wood (moisture-
rich substrate) than on plastic.
Handling/Curing
Information (continued)
1
Substrate failure
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Substrate
TE015
TE030
TE100
TE200
Maple
550
440
380
620
FRP
495
870
810
1550
A. Overlap Shear Strength
Overlap shear (OLS) strengths were measured on 1" wide 1/2" overlap specimens.
These bonds were made individually using 1" x 4" sample coupons. The
thickness of the bond line was .003-.006". The thickness of the substrates were:
plastics, .125", Maple, .375".
The separation rate of the testing jaws was 2" per minute.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com