Electronic Components Datasheet Search
  English  ▼

X  

R3345 Datasheet(PDF) 1 Page - 3M Electronics

Part # R3345
Description  3M™ Repulpable Splice System R3345
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

R3345 Datasheet(HTML) 1 Page - 3M Electronics

  R3345 Datasheet HTML 1Page - 3M Electronics R3345 Datasheet HTML 2Page - 3M Electronics R3345 Datasheet HTML 3Page - 3M Electronics R3345 Datasheet HTML 4Page - 3M Electronics R3345 Datasheet HTML 5Page - 3M Electronics R3345 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
June, 2017
3M™ Repulpable Splice System R3345
Product Description
3M™ Repulpable Splice System R3345 is a repulpable low pro le double
coated tape laminated with splittable bonding layer and has a low release
split liner.
Product Features
• Thin pro le for todays light weight coated (LWC) papers.
• High initial adhesion on many paper surfaces.
• Provides consistent and e cient butt splices.
• Quick and easy butt splices.
• For optimum results, rm even rub down pressure must be applied to the
tape area to create the best possible adhesion between the tape and paper
surface.
• Optimal application temperature range is: 70° to 100°F (21° to 38°C).
• Sealed plastic bags assure product stability for consistent performance.


Similar Part No. - R3345

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
R330 REYCONNS-R330 Datasheet
185Kb / 5P
SAW Resonator
R330D REYCONNS-R330D Datasheet
195Kb / 5P
SAW Resonator
logo
Hamamatsu Corporation
R331 HAMAMATSU-R331 Datasheet
51Kb / 4P
PHOTOMULTIPLIER TUBES
R331-05 HAMAMATSU-R331-05 Datasheet
51Kb / 4P
PHOTOMULTIPLIER TUBES
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
More results

Similar Description - R3345

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-436-58 PANDUIT-D-436-58 Datasheet
42Kb / 1P
STUB SPLICE SEALING SYSTEM
logo
3M Electronics
3100 3M-3100 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
R3379 3M-R3379 Datasheet
255Kb / 2P
Repulpable Splittable Flying Splice Tapes
R7369 3M-R7369 Datasheet
29Kb / 3P
Repulpable Splittable Flying Splice Tapes
Apr-2013
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
EC-3500 3M-EC-3500 Datasheet
27Kb / 4P
3M Scotch-WeldTM Core Splice Adhesive
Sep-2005
SJ-1FB 3M-SJ-1FB Datasheet
76Kb / 4P
3M Cold Shrink Foldback Splice Jacket Kits
906B 3M-906B Datasheet
202Kb / 2P
Repulpable Flying Splice Tape
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com