Electronic Components Datasheet Search
  English  ▼

X  

R3345 Datasheet(PDF) 3 Page - 3M Electronics

Part # R3345
Description  3M™ Repulpable Splice System R3345
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

R3345 Datasheet(HTML) 3 Page - 3M Electronics

  R3345 Datasheet HTML 1Page - 3M Electronics R3345 Datasheet HTML 2Page - 3M Electronics R3345 Datasheet HTML 3Page - 3M Electronics R3345 Datasheet HTML 4Page - 3M Electronics R3345 Datasheet HTML 5Page - 3M Electronics R3345 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Repulpable Splice System R3345
Typical Physical Properties (continued)
Property
Values
Notes
Method
Temperature
Resistance
204 °C
400 °F
Web temperature: As tested in
laboratory, results may vary
depending on machine and web
tensions, nature of paper surface,
application pressure, etc. which are
outside of 3M control.
Repulpability
Completely
It is important to follow the weight
and quantity measurements for the
ber, splicing tape and water. Non-
representative results can occur if
test guidelines are not followed.
TAPPI UM-213,
Procedure A
Handling/Application Information
Application Ideas
• Butt splicing at re-reelers, supercalender and winders with appropriate 3M™ Repulpable Tape 9960.
• High shear / high temperature temporary splicing at supercalenders, winders and paper converters.
• Low slip adhesive suitable for supercalender transfer splices on LWC papers.
• Low speed ying splice tape for nishing equipment, such as supercalender and winders.
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% R.H. in the original packaging.
To obtain best performance, use this product within 12 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com