Electronic Components Datasheet Search
  English  ▼

X  

3732 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3732
Description  3M™ Scotch® High Performance Printed Box Sealing Tape 3732
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3732 Datasheet(HTML) 2 Page - 3M Electronics

  3732 Datasheet HTML 1Page - 3M Electronics 3732 Datasheet HTML 2Page - 3M Electronics 3732 Datasheet HTML 3Page - 3M Electronics 3732 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch® High Performance Printed Box Sealing Tape 3732
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Substrate
Color
Tan with red printed message
Total Tape Thickness
0.064 mm
2.5 mil
ASTM D3652
Backing Thickness
0.041 mm
1.6 mil
ASTM D3652
Backing
Biaxially oriented
polypropylene lm
Adhesive
Pressure sensitive hot melt
rubber-resin
Holding Power
8,000+ min
ASTM D3654
Fiberboard
Typical Performance Characteristics
Property
Values
Method
Backing
Notes
Substrate
180° Peel
Adhesion
50 oz/in
ASTM D3330
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
180° Peel
Adhesion
54.7 N/100mm
ASTM D3330
Stainless Steel
Elongation at
Break
160 %
ASTM D3759
Tensile Strength
Test Condition
Notes
525 N/100mm
Machine Direction
30 lb/in
Machine Direction
1051 N/100mm
60 lb/in
Cross Direction
Property: Tensile Strength
Method: ASTM D3759



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com