Electronic Components Datasheet Search
  English  ▼

X  

3732 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3732
Description  3M™ Scotch® High Performance Printed Box Sealing Tape 3732
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3732 Datasheet(HTML) 3 Page - 3M Electronics

  3732 Datasheet HTML 1Page - 3M Electronics 3732 Datasheet HTML 2Page - 3M Electronics 3732 Datasheet HTML 3Page - 3M Electronics 3732 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISO Statement
3M™ Scotch® High Performance Printed Box Sealing Tape 3732
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
50 m
55 yd
Standard Width
48 mm
1.9 in
Core Size
76.2 mm
3 in
ID
Note
Custom widths available upon request.
Handling/Application Information
Application Techniques
An extensive line of application equipment including hand held manual dispensers and semi-automatic and fully automatic equipment is available. Application of
Scotch® Box Sealing Tape 3732 is most easily accomplished at room temperature. At colder temperatures, approaching 32°F (0°C), the adhesive becomes more rm.
Once applied, these tapes perform well throughout the normal temperature range encountered by packaged products in shipping and storage environments.
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/Scotch-
Printed-Message-Box-Sealing-Tape-3732?N=5002385+3293242185&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=3732
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com