Electronic Components Datasheet Search
  English  ▼

X  

SJ4580 Datasheet(PDF) 2 Page - 3M Electronics

Part # SJ4580
Description  3M™ Dual Lock™ Low Profile reclosable fastener SJ4580
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ4580 Datasheet(HTML) 2 Page - 3M Electronics

  SJ4580 Datasheet HTML 1Page - 3M Electronics SJ4580 Datasheet HTML 2Page - 3M Electronics SJ4580 Datasheet HTML 3Page - 3M Electronics SJ4580 Datasheet HTML 4Page - 3M Electronics SJ4580 Datasheet HTML 5Page - 3M Electronics SJ4580 Datasheet HTML 6Page - 3M Electronics SJ4580 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Dual Lock™ Low Pro le Reclosable Fastener SJ4580
General Information
This product is half the thickness of standard 3M™ Dual Lock™ Reclosable Fasteners, providing a low pro le attachment. An alternative to screws and bolts, this
hidden fastener provides a snug t and smooth aesthetic appearance.
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Color
Clear
Thickness Tolerance
± 15 %
Material
Polypropylene
Backing
Polypropylene
Adhesive
High Temperature Acrylic
Liner
Red, non-silicone liner
Extended Liner
None
Weight (Without liner)
0.057 g/cm²
0.013 oz/in²
Thickness
Test Condition
Notes
2.997 mm
118 mil
Engaged
1.88 mm
74 in
Maximum unmated without liner
Thickness depends upon the amount of
compression load on the pieces.
Property: Thickness
Note
Typical performance characteristics shown below were measured under controlled laboratory conditions of 72°F (22°C) and 50% Relative Humidity when adhered to
1/16 in. aluminum panels unless stated otherwise to obtain maximum reliability The user should evaluate products in the actual application to ensure suitable
performance for the intended use.
Typical Performance Characteristics
Static Tensile
Test Condition
10,000 min
93°C (200°F)
10,000 min
104°C (220°F)
10,000 min
38°C (100°F)/100% R.H.
Property: Static Tensile
notes: Holds 0.22lb/in² (15.5 g/cm²) for indicated time and temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com