Electronic Components Datasheet Search
  English  ▼

X  

SJ4580 Datasheet(PDF) 3 Page - 3M Electronics

Part # SJ4580
Description  3M™ Dual Lock™ Low Profile reclosable fastener SJ4580
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ4580 Datasheet(HTML) 3 Page - 3M Electronics

  SJ4580 Datasheet HTML 1Page - 3M Electronics SJ4580 Datasheet HTML 2Page - 3M Electronics SJ4580 Datasheet HTML 3Page - 3M Electronics SJ4580 Datasheet HTML 4Page - 3M Electronics SJ4580 Datasheet HTML 5Page - 3M Electronics SJ4580 Datasheet HTML 6Page - 3M Electronics SJ4580 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Dual Lock™ Low Pro le Reclosable Fastener SJ4580
Typical Performance Characteristics (continued)
Static Shear
Test Condition
Notes
10,000 min
93°C (200°F )
Holds 2.2 lb/in² (155 g/cm²) for indicated Time and
Temperature
10,000 min
104°C (220°F)
Holds 2.2 lb/in² (155 g/cm²) for indicated Time and
Temperature
10,000 min
38°C (100°F )/100% R.H.
Holds 2.2 lb/in² (155 g/cm²) for indicated Time and
Temperature
If no failure at 10,000 minutes, test is discontinued
Property: Static Shear
Property
Values
Substrate
Notes
Dynamic Tensile
(Engage)
18.6 N/cm²
27 lb/in²
Rigid to Rigid
Engaged with rm pressure and disengaged,
peeled or cleaved at the rate of 12 inches (305
mm) per minute.
Dynamic Tensile
(Disengage)
27.6 N/cm²
40 lb/in²
Rigid to Rigid
Engaged with rm pressure and disengaged,
peeled or cleaved at the rate of 12 inches (305
mm) per minute.
Dynamic Shear
28.2 N/cm²
41 lb/in²
Rigid to Rigid
1" x 1" overlap; engaged with rm pressure and
disengaged, peeled or cleaved at the rate of 12
inches (305 mm) per minute.
Cleavage Strength
700 g/cm width
4.0 lb/in width
Rigid to Rigid
T-Peel Adhesion
80 g/cm width
0.5 lb/in width
Flexible to Flexible
12 inches (305mm) per minute
90° Peel Adhesion
300 g/cm width
1.7 lb/in width
Flexible to Rigid
12 in/min (305 mm/min)
Cycle Life
50
Cycle Life is the number of cycles (openings and
closings) that the fastener is subjected to while
maintaining 50% or greater ofthe original peel
values.
Note
Long Term Static Load: Conditions such as temperature variations, engagement area, closure pressure and vibrations or side to side movement after engagement or
exposure to prolonged periods of moisture or other environmental factors can a ect the closure strength and long term static load performance. Fasteners may slip or
creep in the direction of the static load forces when subjected to static loads at temperatures or weights greater than indicated. The user is responsible for designing
the amount of fastening area based upon the speci c conditions for the application. Four square inches of fastening area per pound of static load is suggested as a
starting point for such evaluations.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com