Electronic Components Datasheet Search
  English  ▼

X  

26832 Datasheet(PDF) 5 Page - 3M Electronics

Part # 26832
Description  Performance Spray Gun
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

26832 Datasheet(HTML) 5 Page - 3M Electronics

  26832 Datasheet HTML 1Page - 3M Electronics 26832 Datasheet HTML 2Page - 3M Electronics 26832 Datasheet HTML 3Page - 3M Electronics 26832 Datasheet HTML 4Page - 3M Electronics 26832 Datasheet HTML 5Page - 3M Electronics 26832 Datasheet HTML 6Page - 3M Electronics 26832 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3M™ Performance Spray Gun
26778 • 26832 • 26878
Page 5 of 7
Pressure Assembly
1 Attach the supplied air flow valve to the bottom of the gun.
2 Attach Fluid Hose Pressure Whip to base of spray gun.
3 Attach the nozzle to the spray gun with the locking collar fully connected.
Note: It is easier to install the nozzle while pulling the trigger backward toward
the spray gun handle
4 Connect Pressure Whip to nozzle.
5 Attach fluid and pressure lines from bulk feed system (or pressure pot)
Note: Utilize the optional manual fluid shut-off valve, if desired, between hose
whip and fluid supply
Nozzle Recommendation
*Starting points only, refer to Paint Manufacture for recommendation on fluid tip size.
1.1
1.4
1.8
Textured Paints
1K Top Coats
2K Top Coats
Base Coat / Single Stage Materials
Clear Coats
Epoxy / Urethanes Primers
Adhesives
Release Agents
Directions for Use, cont.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com