Electronic Components Datasheet Search
  English  ▼

X  

26832 Datasheet(PDF) 3 Page - 3M Electronics

Part # 26832
Description  Performance Spray Gun
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

26832 Datasheet(HTML) 3 Page - 3M Electronics

  26832 Datasheet HTML 1Page - 3M Electronics 26832 Datasheet HTML 2Page - 3M Electronics 26832 Datasheet HTML 3Page - 3M Electronics 26832 Datasheet HTML 4Page - 3M Electronics 26832 Datasheet HTML 5Page - 3M Electronics 26832 Datasheet HTML 6Page - 3M Electronics 26832 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Performance Spray Gun
26778 • 26832 • 26878
Page 3 of 7
Performance Properties
Performance Spray Gun with Gravity Nozzles
Air Consumption
370 SLPM [13 SCFM]
Recommended Air Inlet Pressure
1.38 Bar [20 psi]
Maximum Operating Temperature
50 °C [122 °F]
Maximum Operating Overpressure
10 Bar [145 psi]
Weight
238 g [8.4 oz]
Air Inlet
1/4 BSP/NPS
Nozzle Orifice Sizes
1.2, 1.3, 1.4, 1.6, 1.8, 2.0 mm
Performance Spray Gun with Pressure Nozzles
Air Consumption
370 SLPM [13 SCFM]
Recommended Air Inlet Pressure
1.24 Bar [18 psi]
Maximum Operating Temperature
50 °C [122 °F]
Maximum Operating Overpressure
10 Bar [145 psi]
Weight
378 g [13.3 oz]
Air Inlet
1/4 BSP/NPS
Liquid Inlet
3/8 BSP/NPS
Nozzle Orifice Sizes
1.1, 1.4, 1.8, mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com