Electronic Components Datasheet Search
  English  ▼

X  

08300 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08300
Description  Autobody Sealant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08300 Datasheet(HTML) 1 Page - 3M Electronics

  08300 Datasheet HTML 1Page - 3M Electronics 08300 Datasheet HTML 2Page - 3M Electronics 08300 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Autobody Sealant
08300 • 08301 • 08302
Technical Data Sheet
July 2017
3M Part No.(s)
3M Part Descriptor(s)
08300
3M™ Autobody Sealant - tan, 1/10 gallon cartridge
08301
3M™ Autobody Sealant - tan, 5 oz. tube
08302
3M™ Autobody Sealant - clear, 5 oz. tube
Product Description 3M™ Autobody Sealant is an excellent heavy-bodied, solvent-based, seam
sealer which adheres well to properly prepared primer and paint, as well as glass and
aluminum.
Features
• Fast drying, fast paint time
• Remains flexible over time
• Common, easy to use cartridge system
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Container
1/10th gallon cartridge or 5 oz. tube
Base
Synthetic Rubber
Density lbs/Gallon (Appx.)
7.85
Color
Tan (P.N. 08300, 08301)
Clear (P.N. 08302)
Flash Point - °F
40°F (Closed Cup)
Solids Content (Appx.)
64%
Consistency
Buttery Paste
Solvent
Toluene, Mineral Oil
Service Temperature - °F
-20 to 180°F
Product Uses
A variety of external or non-passenger compartment sealing applications on automobiles.
Also used in many non-automotive applications where quick, inexpensive seam sealing is
desired.
NOTE: 3M does not recommend using this seam sealer in interior passenger compartment
or trunk compartment applications. An objectionable residual solvent odor lasting up to a
month has been reported by customers using the product. For seam sealers without this
issue, choose 3M™ Urethane Seam Sealers (PN 08360/08361/08364) or 3M™ MSP Seam
Sealers (PN 08369/08370).
For professional use only. Not intended for retail sale.


Similar Part No. - 08300

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
08300 PRESTO-08300 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
0830004 PHOENIX-0830004 Datasheet
183Kb / 5P
US-WMTB (24X5) CUS - Cable marker
0830005 PHOENIX-0830005 Datasheet
191Kb / 5P
US-WMTB (24X5) RD CUS - Cable marker
0830006 PHOENIX-0830006 Datasheet
188Kb / 5P
US-WMTB (24X5) OG CUS - Cable marker
0830007 PHOENIX-0830007 Datasheet
188Kb / 5P
US-WMTB (24X5) YE CUS - Cable marker
More results

Similar Description - 08300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTV106-85ML ETC2-RTV106-85ML Datasheet
106Kb / 2P
1-Part Adhesive Sealant RTV106
logo
3M Electronics
606-NF 3M-606-NF Datasheet
135Kb / 6P
3M™ Weatherban™ Acrylic Sealant 606-NF
Sep-2010
PS77 3M-PS77 Datasheet
117Kb / 3P
Scotch-Weld Pipe Sealant PS77
Feb-2010
740UV 3M-740UV Datasheet
499Kb / 5P
3M??SMP Adhesive Sealant 740UV
5200 3M-5200 Datasheet
49Kb / 5P
Marine Adhesive/Sealant Fast Cure 5200
Feb-2012
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
Nov-2016
AC-735 3M-AC-735 Datasheet
74Kb / 3P
3M™ Aerospace Sealant AC-735 Class B
Feb-2012
AC-350 3M-AC-350 Datasheet
84Kb / 3P
3M™ Aerospace Sealant AC-350 Class B
Feb-2012
AC-251 3M-AC-251 Datasheet
94Kb / 3P
3M™ Aerospace Sealant AC-251 Black Class B
Feb-2012
15WB 3M-15WB Datasheet
977Kb / 2P
3M™ Fire Barrier Sealant IC 15WB
2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com