Electronic Components Datasheet Search
  English  ▼

X  

08300 Datasheet(PDF) 2 Page - 3M Electronics

Part # 08300
Description  Autobody Sealant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08300 Datasheet(HTML) 2 Page - 3M Electronics

  08300 Datasheet HTML 1Page - 3M Electronics 08300 Datasheet HTML 2Page - 3M Electronics 08300 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
™ Autobody Sealant
08300 • 08301 • 08302
Typical Performance
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
1. Sag Resistance, @ 30 minutes
1/4 inch bead
0 inch
3/8 inch bead
0 inch
2. Tack Free Time @ 75°F
45 minutes
3. Adhesion To:
Glass
Good
Painted Metal
Very Good
Aluminum
Good
4. QUV 150°F/500 hours
No effect on clarity or elastomeric properties
5. Flexibility (60 mil spread)
Flexible over a 2 inch mandrel @ -20°F
6. Hardness, Rex
45
Directions for Use
NOTE: 3M Best Practice is that all sealers, unless designated specifically for use on
bare metal, be applied to properly prepared automotive paint, primer or E-coat. Applying
over bare metal may not provide adequate corrosion protection.
Acid etch primer is not recommended to be used in direct contact with any
3M seam sealer. Residual acid can weaken the bond.
1. For primer coated areas, lightly scuff the area where the sealer is to be applied with a
fine abrasive or scuff pad. For paint coated areas using clear sealer application perform
cleaning operation only.
2. Clean the surface with an appropriate VOC compliant product for removal of surface
contaminants.
3. (PN08300 ONLY) Cut nozzle tip to provide desired size bead. Puncture foil seal in
base of spout. Knock out end seal at the bottom of the tube.
4. (PN08300 ONLY) Place in 3M™ Professional Caulking Gun, PN 08993
and engage ratchet mechanism.
5. Apply desired bead width and tool to final appearance, if necessary. When sealing is
complete, disengage ratchet to stop flow.
6. Wait to dry before applying paint over the sealer. Thicker beads of seam sealer will
take longer to cure before painting.
Applications
A variety of external or non-passenger compartment sealing applications on automobiles.
Also used in many non-automotive applications (always test to determine suitability).
NOTE: 3M does not recommend using this seam sealer in interior passenger compartment
or trunk compartment applications. A residual solvent odor lasting up to a month has been
reported by customers using the product. For seam sealers without this issue, choose 3M™
Urethane Seam Sealers (PN 08360/08361/08364) or 3M™ MSP Seam Sealers (PN
08369/08370).
- 2 -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com