Electronic Components Datasheet Search
  English  ▼

X  

7260M Datasheet(PDF) 2 Page - 3M Electronics

Part # 7260M
Description  3M??High Temperature Over Spray Protective Bags and Sheets 7260M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7260M Datasheet(HTML) 2 Page - 3M Electronics

  7260M Datasheet HTML 1Page - 3M Electronics 7260M Datasheet HTML 2Page - 3M Electronics 7260M Datasheet HTML 3Page - 3M Electronics 7260M Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ High Temperature Over Spray Protective Bags and Sheets 7260M
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Translucent
Backing Thickness
1.8 mil
ASTM D3652
Backing
Soft polypropylene lm
Film Thickness
Method
Test Condition
45.7 μm
1.8 mil
ASTM D374
Caliper
41.1 μm
1.62 mil
ASTM E252
Weight based
Property: Film Thickness
notes: Custom thickness available
Typical Performance Characteristics
Tensile Strength
Test Condition
13 N/cm
120 oz/in
Machine Direction
8.8 N/cm
80 oz/in
Cross Direction
Property: Tensile Strength
Method: ASTM D3759
notes: Tensile and elongation values based upon 1.8 mil lm (ASTM D-374).
Property
Values
Method
Elongation at Break
700 %
ASTM D3759
Temperature Use Range
One hour up to 157 °C
One hour up to 315 °F
Melt Temperature
162 °C
324 °F
Available Sizes
Property
Values
Standard Roll Length
Custom Sizes m
Custom Sizes yd
Maximum Bag Width
98 in, opens to cover 196 in
2.48 m, opens to cover 4.96 m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com