Electronic Components Datasheet Search
  English  ▼

X  

7260M Datasheet(PDF) 3 Page - 3M Electronics

Part # 7260M
Description  3M??High Temperature Over Spray Protective Bags and Sheets 7260M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7260M Datasheet(HTML) 3 Page - 3M Electronics

  7260M Datasheet HTML 1Page - 3M Electronics 7260M Datasheet HTML 2Page - 3M Electronics 7260M Datasheet HTML 3Page - 3M Electronics 7260M Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISO Statement
Important Notice
For Additional Information
3M™ High Temperature Over Spray Protective Bags and Sheets 7260M
Handling/Application Information
Application Ideas
• OEM paint repair bags for cars, minivans, SUV’s, and light trucks.
• “Reverse” two-tone masking for light trucks, SUV’s, minivans, and cars.
• Paint masking or protective covers for parts: wheels, bumpers, windows, etc.
• Truck cabs, bus and recreational vehicle roof covering.
• Aircraft fuselage drapes, wing covering, tail covering, propeller sleeves.
• Paint masking or drapes for locomotive engines.
Storage and Shelf Life
Store under normal conditions of 70°F (21°C) and 50% R.H. in the original carton.
To obtain best performance, use this product within 12 months from date of manufacture.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-High-
Temperature-Protective-Bags-and-Sheets-7260M?
N=5002385+3293241386&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=7260M
This product was manufactured under a quality system registered to ISO 9001 standards.
3M has changed the formulation of this product. The product no longer has antistatic properties.
To request additional product information or to arrange for sales assistance, call toll free 1-800-362-3550 or visit www.3M.com/industrialtape. Address
correspondence to: 3M Industrial Adhesives and Tapes Division, Building 21-1W-10, 900 Bush Avenue, St. Paul, MN 55144-1000. Our fax number is 651-778-4244. In
Canada, phone: 1-800-364-3577. In Puerto Rico, phone: 1-787-750-3000. In Mexico, phone: 52-70-04-00.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com