Electronic Components Datasheet Search
  English  ▼

X  

3792LM Datasheet(PDF) 2 Page - 3M Electronics

Part # 3792LM
Description  Hot Melt Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3792LM Datasheet(HTML) 2 Page - 3M Electronics

  3792LM Datasheet HTML 1Page - 3M Electronics 3792LM Datasheet HTML 2Page - 3M Electronics 3792LM Datasheet HTML 3Page - 3M Electronics 3792LM Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Hot Melt Adhesive
3776LM • 3792LM • 3738 • 3792
Directions for
Use
1. Surface Preparation: Surfaces must be clean, dry and dust free. Wipe with a solvent such
as isopropyl alcohol for plastic substrates to aid in removing oil and dirt.*
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and
follow the manufacturer’s precautions and directions for use.
2. Application: 3M™ Hot Melt Adhesives are designed for application with a 3M™ Hot
Melt Applicators. Read and follow the precautions and directions for use in the user’s manual
before operating the applicator. 3M™ Hot Melt Adhesives are applied at 350-385°F, except
the Low Melt (LM) series which are designed to be applied at 250-275°F. LM series are
adhesives designed for lower temperature application but still yield long-lasting bonds.
Extruded bead sizes can be customized using 3M™ applicator tips.
3. Coverage: 3M™ Hot Melt Adhesives yield approximately 430 linear feet per pound of
adhesive when extruded as a 1/8” diameter semi-circular bead.
4. Set up time: After the bond is made, 3M™ Hot Melt Adhesives immediately build
strength and no clamping is necessary. Set will occur faster on cold or metallic
substrates.
Typical
Application
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Hot Melt Adhesive
3776LM
3792LM
3738
3792
Application
Temperature1
250-270°F/
121-132°C
250-270°F/
121-132°C
350-385°F/
177-196°C
350-385°F/
177-196°C
Viscosity (CPS)2
8,250 @
250°F
10,500 @
250°F
2,875 @
375°F
5,000 @
375°F
Open Time
(seconds)3
40
40
50
50
Delivery Time
(seconds)4
47
57
35
45
Available
sizes/forms
5/8”x8”Q
1”x3” PG
1/2”x12”AE
5/8”x8”Q
5/8”x2” TC
1”x3” PG
1/2”x12”AE
1/8” Bulk
5/8”x8”Q
5/8”x2” TC
1”x3” PG
1/2”x12”AE
1/8” Bulk
5/8”x8”Q
5/8”x2” TC
1”x3” PG
1/2”x12”AE
1/8” Bulk
(1) Recommended application temperature range. Temperature can be adjusted to regulate desired
viscosity, delivery rate and pot life.
(2) Brookfield Thermocel Viscometer in Centipoise using a #27 Spindle @ 10 RPM.
(3) Open time is the maximum time between the application of the adhesive and when the parts
must be joined together. Data based on 1/8" semicircular bead on non-metallic substrates at 75°F.
Higher environmental temperatures and/or larger beads will lengthen open times.
(4) Extrusion time for one 1”x3” PG cartridge.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com