Electronic Components Datasheet Search
  English  ▼

X  

3792LM Datasheet(PDF) 3 Page - 3M Electronics

Part # 3792LM
Description  Hot Melt Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3792LM Datasheet(HTML) 3 Page - 3M Electronics

  3792LM Datasheet HTML 1Page - 3M Electronics 3792LM Datasheet HTML 2Page - 3M Electronics 3792LM Datasheet HTML 3Page - 3M Electronics 3792LM Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Hot Melt Adhesive
3776LM • 3792LM • 3738 • 3792
Typical
Performance
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Hot Melt Adhesive
3776LM
3792LM
3738
3792
Heat Resistance1
140°F/ 60°C
140°F/ 60°C
130°F/ 54°C
140°F/ 60°C
Ball & Ring Melt
Point2
184°F/ 84°C
178°F/ 81°C
186°F/ 86°C
179°F/ 81°C
Shear Strength3
600 psi
350 psi
375 psi
250 psi
Peel Strength4
9 piw
13 piw
13 piw
13 piw
UL94 Listing
n/a
V2
V2
V2
FDA Indirect
Food Contact5
n/a
21 CFR
175.105
21 CFR
175.105
21 CFR
175.105
(1) Highest temperature that the adhesive will support a 2 psi dead load.
(2) ASTM E28-67.
(3) Overlap shear measured on Douglas Fir to Douglas Fir.
(4) Measured in pounds per inch width (piw). Flexible canvas bonded to Douglas Fir.
(5) Permitted for indirect food contact subject to the limitations in applicable CFR section(s).
Storage
Store product below 120°F (49°C).
Shelf Life
When stored at the recommended conditions, this product has a shelf life of 2 years
after 3M ships the product to a customer or distributor.
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501
Product Use
All statements, technical information and recommendations contained in this document are based upon
tests or experience that 3M believes are reliable. However, many factors beyond 3M
’s control can affect
the use and performance of a 3M product in a particular application, including the conditions under
which the product is used and the time and environmental conditions in which the product is expected to
perform. Since these factors are uniquely within the user
’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the
user
’s method of application.
Warranty and
Limited Remedy
Unless stated otherwise in 3M
’s product literature, packaging inserts or product packaging for individual
products, 3M warrants that each 3M product meets the applicable specifications at the time 3M ships the
product. Individual products may have additional or different warranties as stated on product literature,
package inserts or product packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE. User is responsible for determining whether the 3M product
is fit for a particular purpose and suitable for user
’s application. If the 3M product is defective within the
warranty period, your exclusive remedy and 3M
’s and seller’s sole obligation will be, at 3M’s option, to
replace the product or refund the purchase price.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com