Electronic Components Datasheet Search
  English  ▼

X  

825 Datasheet(PDF) 1 Page - 3M Electronics

Part # 825
Description  Scotch® Pouch Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

825 Datasheet(HTML) 1 Page - 3M Electronics

  825 Datasheet HTML 1Page - 3M Electronics 825 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch®
Pouch Tape
824 • 825 • 827
Product Description
Scotch® Pouch Tapes 824, 825 and 827 are pressure-sensitive tapes with a bright,
orange border on all four edges, and a non-tacky “see through” central rectangle,
which provides a quick, simple, highly visible, and secure method of attaching and
protecting packing lists and other documents to a wide range of boxes and shipping
containers. When folded in half, adhesive to adhesive, it becomes a small parts
packet. The specially formulated adhesive and tough 3M™ Scotchpro™ film
backing gives excellent holding power to a variety of surfaces and is moisture
resistant. Comes in convenient roll form, which means no liner to remove.
Technical Data
April, 2003
Construction
Backing
Adhesive
Colors
3M™ Scotchpro™
Pressure-sensitive
Transparent film with
polypropylene film
rubber resin
orange message border
3
Features
• Printed pouch tape format.
• Standard message:
“Documents Enclosed”.
• Good roll formation.
• Consistent dimensions.
• Weather resistant.
• Improved clarity.
• Clean cutting.
• Immediate adhesion.
• Exceptional holding
power.
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
50 oz./in. width (55 N/100 mm width)
D-3330
Tensile Strength:
Longitudinal:
30 lbs./in. width (525 N/100 mm width)
D-3759
Transverse:
60 lbs./in. width (1050 N/100 mm width)
D-3759
Elongation at Break:
160%
D-3759
Thickness - Backing:
1.6 mil (0.041 mm)
D-3652
Total:
2.5 mil (0.066 mm)
D-3652
Shear Holding to Fiberboard:
8,000 + minutes
D-3654
• Keeps packing list or label on the package for
safer delivery and alerts recipient of tampering.
• Calls attention to and prevents disposal of
important documents.
• Immediate visibility.
• Longer shelf life.
• Uniform window area throughout roll.
• Guards information against weather damage.
• Second images are more readable.
• No adhesive build-up on blades.
• Fast application, saves time.


Similar Part No. - 825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
825 ETC-825 Datasheet
3Mb / 32P
TORQUE PRODUCTS
825 ETC-825 Datasheet
163Kb / 4P
Standard Models
logo
Copyright BG
825 BG-825 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
825 BG-825 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
logo
Utica Tools
825 UTICA-825 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
More results

Similar Description - 825

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
3M Electronics
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld™ Acrylic Adhesives
May-2019
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
828CP 3M-828CP Datasheet
579Kb / 7P
3M EXPERT 3M™ Scotch® Custom Printed Pouch Tape 828CP
830RCT 3M-830RCT Datasheet
556Kb / 3P
3M™ Scotch® Pouch Tape Sheets 830RCT
Apr-2016
824RCT 3M-824RCT Datasheet
558Kb / 4P
3M™ Scotch® Pouch Tape 824RCT
Apr-2016
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
2090 3M-2090 Datasheet
36Kb / 2P
Scotch-Blue™ Painter’s Tape for Multi-Surfaces
January 2010
logo
Schneider Electric
NSYS3X4320 SCHNEIDER-NSYS3X4320 Datasheet
63Kb / 2P
SPACIAL S3X stainless 304L, Scotch Brite® finish, H400xW300xD200 mm.
Mar 9, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com