Electronic Components Datasheet Search
  English  ▼

X  

825 Datasheet(PDF) 2 Page - 3M Electronics

Part # 825
Description  Scotch® Pouch Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

825 Datasheet(HTML) 2 Page - 3M Electronics

  825 Datasheet HTML 1Page - 3M Electronics 825 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
® Pouch Tape
824 • 825 • 827
Application Techniques
• The Scotch® Pouch Tape Dispensers M727 and M797 are recommended for
Scotch® Pouch Tape 824.
• The hand-held Scotch® Pouch Tape Dispensers M717 is recommended for
manual dispensing of Scotch® Pouch Tape 825.
• The Scotch® Pouch Tape Dispenser M797 is recommended for manual dispensing
of Scotch® Pouch Tape 827.
Storage Conditions
It is recommended Scotch® Pouch Tapes 824, 825 and 827 be stored at 70°F (21°C)
and 40-50% relative humidity prior to use.
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. User is
responsible for determining whether the
3M product is fit for a particular purpose and suitable for user’s
application. Please remember that many factors can affect the use and performance of a
3M product in
a particular application. The materials to be bonded with the product, the surface preparation of those
materials, the product selected for use, the conditions in which the product is used, and the time and
environmental conditions in which the product is expected to perform are among the many factors that
can affect the use and performance of a
3M product. Given the variety of factors that can affect the use
and performance of a
3M product, some of which are uniquely within the user’s knowledge and control,
it is essential that the user evaluate the
3M product to determine whether it is fit for a particular purpose
and suitable for the user’s application.
Important Notice
To request additional product information or to arrange for sales assistance, call toll free 1-800-362-3550
or visit www.3M.com/packaging. Address correspondence to:
3M Industrial Adhesives and Tapes Division,
Building 21-1W-10, 900 Bush Avenue, St. Paul, MN 55144-1000. Our fax number is 651-778-4244. In
Canada, phone: 1-800-364-3577. In Puerto Rico, phone: 1-787-750-3000. In Mexico, phone: 52-70-04-00.
For Additional
Information
Printed in U.S.A.
©3M 2003
70-0710-0239-1
(4/03)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 21-1W-10, 900 Bush Avenue
St. Paul, MN 55144-1000
Scotch® Tape 824
Scotch® Tape 825
Scotch® Tape 827
Standard Widths:
5 in. x 6 in.
5 in. x 6 in.
5 in. x 8 in., 6 in. x 8 in.
(333 applications per roll) (250 applications per roll) (500 applications per roll)
5 in. x 10 in., 6 in. x 10 in.
(400 applications per roll)
Core Size (ID):
3 in.
1 in.
3 in.
Lengths:
Bulk only
Bulk only
Bulk only
Available Sizes
If the
3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION, SHALL BE TO
REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE THE DEFECTIVE
3M PRODUCT.
3M shall not otherwise be liable for loss or damages, whether direct, indirect, special, incidental, or
consequential, regardless of the legal theory asserted, including, but not limited to, contract, negligence,
warranty, or strict liability.
Limitation of Remedies
and Liability
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9002 standards.
ISO 9002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com