Electronic Components Datasheet Search
  English  ▼

X  

699 Datasheet(PDF) 1 Page - 3M Electronics

Part # 699
Description  3M™ Scotch® High Tack Multipack Tape 699
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

699 Datasheet(HTML) 1 Page - 3M Electronics

  699 Datasheet HTML 1Page - 3M Electronics 699 Datasheet HTML 2Page - 3M Electronics 699 Datasheet HTML 3Page - 3M Electronics 699 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASK A 3M EXPERT
September, 2015
3M™ Scotch® High Tack Multipack Tape 699
Product Description
Scotch® High Tack Multipack Tape 699 is a high adhesion, permanent tape recommended for
multipack/product bundling purposes. Unlike other Scotch® Multipack Tapes, it will damage packaging
surfaces upon removal. It is designed to provide tamper evident protection and secure bundled packages that
require higher adhesion levels. Scotch® High Tack Multipack Tape 699 is a packaging alternative to plastic
bags, shrink wrap, chipboard, paperboard, and trays. It can increase customers’ productivity, reduce
secondary packaging material by weight, and improve packaging design. This tape is available in a clear and
custom printed version, has a conformable backing, and utilizes a high adhesion, hot melt synthetic rubber
adhesive system. This adhesive is made with a 10% renewable component.
Product Features
• Tamper evident protection
• Adhesion to wide variety of hard-to stick to surfaces
• Strong bundle holding power
• Edge tear and split resistant
• Coated with a 10% renewable component adhesive


Similar Part No. - 699

ManufacturerPart #DatasheetDescription
logo
Bi technologies
699 BITECH-699 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
699 BITECH-699 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
Marl International Limi...
699 MARL-699 Datasheet
359Kb / 4P
횠12.7mm mounting Product will operate over a wide input voltage range
logo
Bi technologies
699 BITECH-699 Datasheet
251Kb / 3P
Isolated, bussed and other circuits
logo
Abbatron All Rights Res...
699 ABBATRON-699 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 699

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
EC-1300 3M-EC-1300 Datasheet
228Kb / 4P
3M™ Scotch-Weld™ Neoprene High Performance
Aug-2020
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com