Electronic Components Datasheet Search
  English  ▼

X  

STM8S003F3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 6Page - STMicroelectronics STM8S003F3 Datasheet HTML 7Page - STMicroelectronics STM8S003F3 Datasheet HTML 8Page - STMicroelectronics STM8S003F3 Datasheet HTML 9Page - STMicroelectronics STM8S003F3 Datasheet HTML 10Page - STMicroelectronics STM8S003F3 Datasheet HTML 11Page - STMicroelectronics STM8S003F3 Datasheet HTML 12Page - STMicroelectronics STM8S003F3 Datasheet HTML 13Page - STMicroelectronics STM8S003F3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
Description
STM8S003F3 STM8S003K3
10/103
DS7147 Rev 10
2
Description
The STM8S003F3/K3 value line 8-bit microcontrollers offer 8 Kbytes of Flash program
memory, plus integrated true data EEPROM. They are referred to as low-density devices in
the STM8S microcontroller family reference manual (RM0016).
The STM8S003F3/K3 value line devices provide the following benefits: performance,
robustness and reduced system cost.
Device performance and robustness are ensured by true data EEPROM supporting up to
100000 write/erase cycles, advanced core and peripherals made in a state-of-the-art
technology at 16 MHz clock frequency, robust I/Os, independent watchdogs with separate
clock source, and a clock security system.
The system cost is reduced thanks to a high system integration level with internal clock
oscillators, watchdog, and brown-out reset.
Full documentation is offered as well as a wide choice of development tools.
Table 1. STM8S003F3/K3 value line features
Features
STM8S003K3
STM8S003F3
Pin count
32
20
Max. number of GPIOs (I/O)
28
16
External interrupt pins
27
16
Timer CAPCOM channels
7
7
Timer complementary outputs
3
2
A/D converter channels
4
5
High-sink I/Os
21
12
Low-density Flash program
memory (byte)
8 K
8 K
RAM (byte)
1 K
1 K
True data EEPROM (byte)
128(1)
1. Without read-while-write capability.
128(1)
Peripheral set
Multi purpose timer (TIM1), SPI, I2C, UART, Window WDG,
independent WDG, ADC, PWM timer (TIM2), 8-bit timer (TIM4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com