Electronic Components Datasheet Search
  English  ▼

X  

UC62LS2008AI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UC62LS2008AI
Description  Low Power CMOS SRAM 256K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS2008AI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UC62LS2008AI Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LS2008
-20/-25
Features:
• Vcc operation voltage :
3.0V ~ 3.6V
• Low power consumption :
20mA (Max.) operating current
1uA (Typ.) CMOS standby current
• High Speed Access time :
25ns (Max.) at Vcc = 3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE\ and OE\ options
Description
The UC62LS2008 is a high performance, very low power
CMOS Static Random Access Memory organized as 262,144
words by 8 bits and operates from
3.0V to 3.6V supply
voltage. Advanced CMOS technology and circuit techniques
provide both high speed and low power features with a
typical CMOS standby current of 1uA and maximum access
time of 25ns in 3.0V operation.
Easy memory expansion is provided enable (CE\), and
active LOW output enable (OE\) and three-state output
drivers.
The UC62LS2008 has an automatic power down feature,
reducing the power consumption significantly when chip is
deselected.
The UC62LS2008 is available in the JEDEC standard 32 pin
450mil
Plastic SOP,
8mmx20.0mm
TSOP (type I), and
8mmx13.4mm STSOP.
PRODUCT FAMILY
Power Consumption
Speed
(ns)
STANDBY
Operating
Product Family
Operating
Tempature
Vcc Range
Vcc=3.0V(Max.)
Vcc=3.3V(Typ.)
Vcc=3.6V(Max.)
Package
Type
UC62LS2008HC
TSOP-32
UC62LS2008FC
SOP-32
UC62LS2008GC
STSOP-32
UC62LS2008AC
0℃ ~ 70℃
3.0V ~ 3.6V
20/25
1uA
20mA
DICE
UC62LS2008HI
TSOP-32
UC62LS2008FI
SOP-32
UC62LS2008GI
STSOP-32
UC62LS2008AI
-40℃ ~ 85℃
3.0V ~ 3.6V
20/25
1uA
20mA
DICE
PIN CONFIGURATIONS
A14
1
A12
2
A7
3
A6
4
A5
5
A4
6
A3
7
A2
8
A1
9
A0
10
DQ0
11
DQ1
12
DQ2
13
GND
14
VCC
28
WE
27
A13
26
A8
25
A9
24
A11
23
OE
22
A10
21
CE
20
DQ7
19
DQ6
18
DQ5
17
DQ4
16
DQ3
15
11
12
13
14
16
15
UC62LS2008HC
29
30
31
32
UC62LS2008FI
A15
A17
A16
1
2
3
4
5
6
7
8
9
10
A0
DQ0
DQ1
DQ2
GND
A14
A12
A7
A6
A5
A4
A3
A2
A1
A16
CE2
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
A15
A17
CE2
UC62LS2008GI
17
18
19
20
21
22
23
24
25
26
27
29
28
31
32
30
UC62LS2008FC
UC62LS2008GC
UC62LS2008HI
BLOCK DIAGRAM
MEMORY ARRAY
256K X 8 Bits
COLUMN DECODER
SENSE AMPLIFIER
&
WRITE DRIVER
I/O BUFFER
X8
COL
Address
ROW
Address
CE
WE
OE
CE
WE
OE
CE2
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
1


Similar Part No. - UC62LS2008AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
Low Power CMOS SRAM
UC62LS2048AC-20 ETC1-UC62LS2048AC-20 Datasheet
460Kb / 9P
Low Power CMOS SRAM
UC62LS2048AC-25 ETC1-UC62LS2048AC-25 Datasheet
460Kb / 9P
Low Power CMOS SRAM
UC62LS2048AI-20 ETC1-UC62LS2048AI-20 Datasheet
460Kb / 9P
Low Power CMOS SRAM
UC62LS2048AI-25 ETC1-UC62LS2048AI-25 Datasheet
460Kb / 9P
Low Power CMOS SRAM
More results

Similar Description - UC62LS2008AI

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
Ultra Low Power 256K x 8 CMOS SRAM
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
Low Power CMOS SRAM 512K X 8 Bits
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
Low Power CMOS SRAM 128K x 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com