Electronic Components Datasheet Search
  English  ▼

X  

MS-CC240 Datasheet(PDF) 2 Page - 3M Electronics

Part # MS-CC240
Description  Chrysler Specification MS-CC240
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MS-CC240 Datasheet(HTML) 2 Page - 3M Electronics

  MS-CC240 Datasheet HTML 1Page - 3M Electronics MS-CC240 Datasheet HTML 2Page - 3M Electronics MS-CC240 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Chrysler Specification MS-CC240–Annual Test Data
3M™ Adhesive Transfer Tape 9472LE
Test Date: March 31, 2017
Lot Number
Substrate
Test
Test Method
Specification
Result
63115917339-005
Stainless
steel and
ABS
Adhesive Thickness
0.1 to 015 mm
(0.004 to 0.006 in)
0.147
Adhesive Softening Point
CP-463TB-14-01
79ºC (174ºF)
>79ºC
(174ºF)
Peel Adhesion, face side, aluminum backing
20 min dwell
24 hrs at room temperature
ASTM D3330 C
0.44 N/mm
(2.5 lb/in) width
1.50
(8.58)
ASTM D3330 C
0.53 N/mm
(3.0 lb/in) width
2.32
(13.24)
3M™ Adhesive Transfer Tape 6035PC and 6035PL
Test Date: February 28, 2017
Lot Number
Substrate
Test
Test Method
Specification
Result
K16174
Stainless
steel and
ABS
Adhesive Thickness
0.1 to 015 mm
(0.004 to 0.006 in)
0.126
Adhesive Softening Point
CP-463TB-14-01
79ºC (174ºF)
>79ºC
(174ºF)
Peel Adhesion, face side, aluminum backing
20 min dwell
24 hrs at room temperature
ASTM D3330 C
0.44 N/mm
(2.5 lb/in) width
1.74
(9.96)
ASTM D3330 C
0.53 N/mm
(3.0 lb/in) width
1.96
(11.17)
3M™ Adhesive Transfer Tape 9672LE
Test Date: August 31, 2016
Lot Number
Substrate
Test
Test Method
Specification
Result
52315916174
ABS
Adhesive Thickness
0.1 to 015 mm
(0.004 to 0.006 in)
0.113
Adhesive Softening Point
CP-463TB-14-01
79ºC (174ºF)
>94ºC
(201ºF)
Peel Adhesion, face side, aluminum backing
20 min dwell
24 hrs at room temperature
ASTM D3330 C
0.44 N/mm
(2.5 lb/in) width
1.78
(10.13)
ASTM D3330 C
0.53 N/mm
(3.0 lb/in) width
2.18
(12.49)
3M™ Adhesive Transfer Tape 9505
Test Date: April 30, 2017
Lot Number
Substrate
Test
Test Method
Specification
Result
70055917481-005 Stainless
steel
Adhesive Thickness
0.1 to 015 mm
(0.004 to 0.006 in)
0.125
mm
Adhesive Softening Point
CP-463TB-14-01
79ºC (174ºF)
>79ºC
(174ºF)
Peel Adhesion, face side, aluminum backing
20 min dwell
24 hrs at room temperature
ASTM D3330 C
0.44 N/mm
(2.5 lb/in) width
1.46 N/
mm
ASTM D3330 C
0.53 N/mm
(3.0 lb/in) width
2.16 N/
mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com