Electronic Components Datasheet Search
  English  ▼

X  

MS-CC240 Datasheet(PDF) 3 Page - 3M Electronics

Part # MS-CC240
Description  Chrysler Specification MS-CC240
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MS-CC240 Datasheet(HTML) 3 Page - 3M Electronics

  MS-CC240 Datasheet HTML 1Page - 3M Electronics MS-CC240 Datasheet HTML 2Page - 3M Electronics MS-CC240 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Chrysler Specification MS-CC240–Annual Test Data
3M™ Adhesive Transfer Tape 468MP, 468MPF
Test Date: April 30, 2017
Lot Number
Substrate
Test
Test Method
Specification
Result
61815916974-002
Stainless
steel
Adhesive Thickness
0.1 to 015 mm
(0.004 to 0.006 in)
0.130
Adhesive Softening Point
CP-463TB-14-01
79ºC (174ºF)
>79ºC
(174ºF)
Peel Adhesion, face side, aluminum backing
20 min dwell
24 hrs at room temperature
ASTM D3330 C
0.44 N/mm
(2.5 lb/in) width
1.93 N/
mm
ASTM D3330 C
0.53 N/mm
(3.0 lb/in) width
2.49 N/
mm
3M™ Adhesive Transfer Tape 9472
Test Date: March 31, 2017
Lot Number
Substrate
Test
Test Method
Specification
Result
6260-820
ABS
Adhesive Thickness
0.1 to 015 mm
(0.004 to 0.006 in)
0.143
Adhesive Softening Point
CP-463TB-14-01
79ºC (174ºF)
>79ºC
(174ºF)
Peel Adhesion, face side, aluminum backing
20 min dwell
24 hrs at room temperature
ASTM D3330 C
0.44 N/mm
(2.5 lb/in) width
.64 N/
mm
(3.66)
ASTM D3330 C
0.53 N/mm
(3.0 lb/in) width
.78 N/
mm
(4.48)
Technical Information
The technical information, recommendations and other statements contained in this document are based upon tests or experience that 3M believes are reliable, but the
accuracy
or completeness of such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a particular application. Given the
variety of factors that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a
particular purpose and suitable for user’s method of application.
Warranty, Limited Remedy, and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product literature, 3M warrants that each 3M product meets the applicable 3M
product specification at the time 3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO,
ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR CONDITION ARISING
OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the
purchase price.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or
consequential, regardless of the legal theory asserted, including warranty, contract, negligence or strict liability.
ISO 9001: 2008
This Industrial Adhesives and Tapes Division product was manufactured
under a 3M quality system registered to ISO 9001: 2008 standards.
Industrial Adhesives and Tapes
Division
Converter Markets
3M Center, Building 225-3S-06
St. Paul , MN 55144-1000
800-362-7427
www.3M.com/converter
3M is a trademark of 3M Company.
© 3M 2017
E70-0713-4652-5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com