Electronic Components Datasheet Search
  English  ▼

X  

DP640 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP640
Description  3M™ Scotch-Weld™ Urethane Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP640 Datasheet(HTML) 4 Page - 3M Electronics

  DP640 Datasheet HTML 1Page - 3M Electronics DP640 Datasheet HTML 2Page - 3M Electronics DP640 Datasheet HTML 3Page - 3M Electronics DP640 Datasheet HTML 4Page - 3M Electronics DP640 Datasheet HTML 5Page - 3M Electronics DP640 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Scotch-Weld™ Urethane Adhesive DP640 Brown
Electrical and Thermal Properties
Property
Values
Method
Test Condition
Dielectric Constant
5.9
ASTM D150
1 KHz, Room Temperature
Volume Resistivity
2.6 × 10^14 Ω-cm
ASTM D257
Room Temperature
Handling/Application Information
Directions for Use
3M™ Scotch-Weld™ Urethane Adhesive DP640 is supplied in dual syringe plastic duo- pak cartridges as part of the 3M™ EPX™ Applicator System. The duo-pak
cartridges are supplied in 48.5 ml, 200 ml and 400 ml con gurations. To use the EPX cartridge system simply insert the duo-pak cartridge into the EPX applicator.
Next, remove the duo-pak cartridge cap and expel a small amount of adhesive to be sure both sides of the duo-pak cartridge are owing evenly and freely. If
simultaneous mixing of Part A and Part B is desired, attach the EPX mixing nozzle to the duo-pak cartridge and begin dispensing the adhesive.
When mixing Part A and Part B manually the components must be mixed in the ratio indicated in the typical uncured properties section of this data sheet. Complete
mixing of the two components is required to obtain optimum properties.
Two-part mixing/proportioning/dispensing equipment is available for intermittent or production line use. These systems are ideal for line uses because of their variable
shot size and ow rate characteristics and are adaptable to most applications.
Apply adhesive to clean, dry surfaces, joint parts and secure until adhesive sets.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com