Electronic Components Datasheet Search
  English  ▼

X  

DP640 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP640
Description  3M™ Scotch-Weld™ Urethane Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP640 Datasheet(HTML) 5 Page - 3M Electronics

  DP640 Datasheet HTML 1Page - 3M Electronics DP640 Datasheet HTML 2Page - 3M Electronics DP640 Datasheet HTML 3Page - 3M Electronics DP640 Datasheet HTML 4Page - 3M Electronics DP640 Datasheet HTML 5Page - 3M Electronics DP640 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ Scotch-Weld™ Urethane Adhesive DP640 Brown
Handling/Application Information (continued)
Surface Preparation
The following surface preparations were used for substrates described in this Technical Data Sheet.
A. Aluminum Etch
Optimized FPL Etch - 3M (test method C-2803)
1. Alkaline degrease – Oakite 164 solution (9-11 oz./gallon water) at 190°F ± 10°F (88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities of cold running
water (3M test method C-2802).
2. Optimized FPL Etch Solution (1 liter):
Material Amount
Distilled Water 700 ml plus balance of liter (see below)
Sodium Dichromate 28 to 67.3 grams
Sulfuric Acid 287.9 to 310.0 grams
Aluminum Chips 1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of distilled water. Add sulfuric acid and mix well. Add additional distilled water to ll to 1 liter.
Heat mixed solution to 66 to 71°C (150 to 160°F).
Dissolve1.5 grams of 2024 bare aluminum chips per liter of mixed solution. Gentle agitation will help aluminum dissolve in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to 71°C) for 12 to 15 minutes.
Note: Review and follow precautionary information provided by chemical suppliers prior to preparation of this etch solution.
Rinse immediately in large quantities of clear running tap water.
Dry – air dry approximately 15 minutes followed by force dry at 140°F (60°C) maximum for 10 minutes (minimum).
3. Both surface structure and chemistry play a signi cant role in determining the strength and permanence of bonded structures. It is therefore advisable to bond or
prime freshly primed clean surfaces as soon as possible after surface preparation in order to avoid contamination and/or mechanical damage. Please contact your 3M
sales representative for primer recommendations.
B. Oakite Degrease
Oakite 164 solutions (9-11 oz./gallon of water) at 190°F ± 10°F (88°C ± 5°C) for 2 minutes. Rinse immediately in large quantities of cold running water.
C. MEK/Abrade/MEK
Wipe surface with a methyl ethyl ketone (MEK) soaked swab, abrade and wipe with a MEK soaked swab.* Allow solvent to evaporate before applying adhesive.
D. Isopropyl Alcohol Wipe Only Surface Preparation
Wipe surface with an isopropyl alcohol soaked swab.* Allow solvent to evaporate before applying adhesive.
E. Isopropyl Alcohol/Abrade/Isopropyl Alcohol Surface Preparation
Wipe surface with an isopropyl alcohol soaked swab, abrade using clean ne grit abrasives, and wipe with an isopropyl alcohol soaked swab.* Then allow solvent to
evaporate before applying adhesive.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow the manufacturer’s precautions and directions for use.
Storage and Shelf Life
Store products at 60-80°F (15-27°C) for maximum shelf life.
These products have a shelf life of 18 months from date of manufacture in original duo-pak containers at room temperature.
Trademarks
3M and Scotch-Weld are trademarks of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-Scotch-
Weld-Urethane-Adhesive-DP640?N=5002385+3293241359&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=DP640 Brown



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com