Electronic Components Datasheet Search
  English  ▼

X  

4014 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4014
Description  3M™ Damping Aluminum Foam Sheet 4014
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4014 Datasheet(HTML) 4 Page - 3M Electronics

  4014 Datasheet HTML 1Page - 3M Electronics 4014 Datasheet HTML 2Page - 3M Electronics 4014 Datasheet HTML 3Page - 3M Electronics 4014 Datasheet HTML 4Page - 3M Electronics 4014 Datasheet HTML 5Page - 3M Electronics 4014 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Damping Aluminum Foam Sheet 4014
Handling/Application Information (continued)
Application Techniques
3M™ Damping Aluminum Foam Sheet 4014 contains an aggressive pressure sensitive adhesive to facilitate bonding
to the surface of the structure. Best results are obtained when applied at temperatures above 50°F (10°C) on a
clean, dry surface (free of oil, wax, dust, rust, etc.) and the bond is continuous (void-free) throughout the interface
between 3M damping aluminum foam sheet 4014 and the structure.
For best results apply as follows:
1. Clean metal surface of structure with appropriate solvent for removing any surface contaminants such as
processing oils or waxes.
Note: When using solvents, be sure to extinguish ignitions sources and follow the manufacturer’s precautions and
directions for use when handling such materials.
2. Wipe the clean surface of the structure to complete dryness with a clean, dry lint free cloth.
Note: Steps 1 and 2 should be repeated until the used drying cloth is clean (no more residue appears on the cloth
after wiping).
3. Remove the protection liner.
4. Place one edge on the surface of the structure and press into place with nger pressure. Lower the rest of the
foam piece into place while applying nger pressure on the bond line as it progresses across the surface of the
structure. This method of application will minimize voids in the pressure sensitive bond.
Storage and Shelf Life
To obtain best performance, use this product within 24 months from date of manufacture.
Industry Speci cations
FAR (Federal Air Regulation) Section 25.853, Paragraph B
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Damping-Aluminum-Foam-
Sheets-4014?N=5002385+3293241431&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=4014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com