Electronic Components Datasheet Search
  English  ▼

X  

4014 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4014
Description  3M™ Damping Aluminum Foam Sheet 4014
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4014 Datasheet(HTML) 2 Page - 3M Electronics

  4014 Datasheet HTML 1Page - 3M Electronics 4014 Datasheet HTML 2Page - 3M Electronics 4014 Datasheet HTML 3Page - 3M Electronics 4014 Datasheet HTML 4Page - 3M Electronics 4014 Datasheet HTML 5Page - 3M Electronics 4014 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Damping Aluminum Foam Sheet 4014
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Thickness
6.35 mm
250 mil
Weight
1.32 kg/m²
0.27 lb/ft²
Moisture Resistance
Less than 0.25% weight gain (When
conditioned at 150°F/67°C and 100%
RH for one week).
Typical Damping Properties
The gure below illustrates the damping measured on 2 of the bending modes of a stainless steel cantilever beam
when 3M damping aluminum foam sheet 4014 is attached to the surface of the beam. The damping is measured as a
function of temperature and is compared to an untreated beam. This damping was determined by the half power
band width technique on frequency response functions measured with a Fast Fourier Transform Analyzer.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com