Electronic Components Datasheet Search
  English  ▼

X  

914 Datasheet(PDF) 2 Page - 3M Electronics

Part # 914
Description  ATG Gold Adhesive Transfer Tape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

914 Datasheet(HTML) 2 Page - 3M Electronics

  914 Datasheet HTML 1Page - 3M Electronics 914 Datasheet HTML 2Page - 3M Electronics 914 Datasheet HTML 3Page - 3M Electronics 914 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Repulpable Forms-Splicing Tape 914
General Information
• Packed in sealed plastic bags to help protect moisture content of unused tape.
• Repulpable in water.
• Not printable, but can be written on or marked with “spirit inks.”
• Functions well in splicing manifold business forms.
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Notes
Color
O -white
Tape Thickness
0.09 mm
3.6 mil
Backing
Semi-bleached kraft paper
with a one-side, easy-
release treatment
Adhesive
Blue, repulpable
Repulpability
Completely
TAPPI UM-213, Procedure
A
Bond Strength
Delaminates most papers
Temperature Resistance Excellent to 204 °C
Excellent to 400 °F
Web temperature: As tested in laboratory, results
may vary depending on machine and web
tensions, nature of paper surface, application
pressure, etc. which are outside of 3M control.
Other
Skip-slit for easy, neat
forms separation
Typical Performance Characteristics
Tensile Strength
Test Condition
92.8 N/cm
848 oz/in
Machine direction
42 N/cm
384 oz/in
Cross direction
Property: Tensile Strength



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com