Electronic Components Datasheet Search
  English  ▼

X  

914 Datasheet(PDF) 3 Page - 3M Electronics

Part # 914
Description  ATG Gold Adhesive Transfer Tape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

914 Datasheet(HTML) 3 Page - 3M Electronics

  914 Datasheet HTML 1Page - 3M Electronics 914 Datasheet HTML 2Page - 3M Electronics 914 Datasheet HTML 3Page - 3M Electronics 914 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISO Statement
3M™ Repulpable Forms-Splicing Tape 914
Available Sizes
Property
Values
Standard Roll Length
33 m
36 yd
Standard Width
8 mm
5/16 in
Handling/Application Information
Application Techniques
For optimum results, rm, even rub down pressure should be applied to the taped area to create the best possible adhesion between the tape and paper surface. A
plastic squeegee or similar tool can help achieve the proper uniform pressure.
Storage and Shelf Life
Store under normal conditions of 70°F (21°C) and 50% R.H. in the sealed plastic bags until ready for immediate use.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-
Repulpable-Forms-Splicing-Tape-914?N=5002385+3293242092&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=914
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com