Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 1 Page - 3M Electronics

Part # 660
Description  3M??Scotch짰 Red Cellophane Tape 660
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

660 Datasheet(HTML) 1 Page - 3M Electronics

  660 Datasheet HTML 1Page - 3M Electronics 660 Datasheet HTML 2Page - 3M Electronics 660 Datasheet HTML 3Page - 3M Electronics 660 Datasheet HTML 4Page - 3M Electronics 660 Datasheet HTML 5Page - 3M Electronics 660 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
November, 2018
3M™ Scotch® Red Cellophane Tape 660
Product Description
Scotch® Cellophane Tape 660 is a high performance red lm tape featuring
a high tack adhesive system and is recommended for splicing, high
temperature applications, carton closure and decorative packaging.
Product Features
• Meets CID A-A-113C Type 1 Class D.
• Temperature resistant.
• Good handling properties.
• Adheres immediately, extended life, good aging.
• High adhesion.
• Dimensionally stable on the application up to 300°F (149°C).
• Easily dispensed.
• Excellent holding properties.
• Controlled unwind.
• Signal color for splicing.


Similar Part No. - 660

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
Discriminator
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
Power toggle switches ??metal lever
logo
TT Electronics.
660 TTELEC-660 Datasheet
221Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
574Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5×20mm Fuses
Revised: 06/03/15
More results

Similar Description - 660

ManufacturerPart #DatasheetDescription
logo
3M Electronics
898MSR 3M-898MSR Datasheet
559Kb / 4P
3M™ Scotch® Filament Tape 898MSR
8919MSR 3M-8919MSR Datasheet
562Kb / 4P
3M™ Scotch® Filament Tape
Jun-2015
880MSR 3M-880MSR Datasheet
560Kb / 4P
3M™ Scotch® Filament Tape 880MSR
Jun-2014
824RCT 3M-824RCT Datasheet
558Kb / 4P
3M™ Scotch® Pouch Tape 824RCT
Apr-2016
924 3M-924 Datasheet
588Kb / 5P
3M™ Scotch® ATG Tape 924
Aug-2000
890MSR 3M-890MSR Datasheet
557Kb / 3P
3M??Scotch짰 Filament Tape 890MSR
694 3M-694 Datasheet
563Kb / 6P
3M??Scotch짰 Red Cellophane Tape
605 3M-605 Datasheet
571Kb / 5P
3M??Scotch짰 Transparent Film Tape
8896 3M-8896 Datasheet
547Kb / 3P
3M™ Scotch® Strapping Tape 8896
Jun-2009
893 3M-893 Datasheet
559Kb / 4P
3M™ Scotch® Filament Tape 893
Jul-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com