Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 2 Page - 3M Electronics

Part # 660
Description  3M??Scotch짰 Red Cellophane Tape 660
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

660 Datasheet(HTML) 2 Page - 3M Electronics

  660 Datasheet HTML 1Page - 3M Electronics 660 Datasheet HTML 2Page - 3M Electronics 660 Datasheet HTML 3Page - 3M Electronics 660 Datasheet HTML 4Page - 3M Electronics 660 Datasheet HTML 5Page - 3M Electronics 660 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Scotch® Red Cellophane Tape 660
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Red
Total Tape Thickness
0.064 mm
2.5 mil
ASTM D3652
Backing Thickness
0.036 mm
1.4 mil
ASTM D3652
Backing
Cellophane
Adhesive
Pressure sensitive rubber
resin
Typical Performance Characteristics
Property
Values
Method
Backing
Notes
180° Peel
Adhesion
5.5 N/cm
50 oz/in
ASTM
D3330
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
Longitudinal
Tensile
Strength
35 N/cm
20 lb/in
ASTM
D3759
Elongation
at Break
10 %
ASTM
D3759



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com