Electronic Components Datasheet Search
  English  ▼

X  

427 Datasheet(PDF) 1 Page - 3M Electronics

Part # 427
Description  3M™ Aluminum Foil Tape 427
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

427 Datasheet(HTML) 1 Page - 3M Electronics

  427 Datasheet HTML 1Page - 3M Electronics 427 Datasheet HTML 2Page - 3M Electronics 427 Datasheet HTML 3Page - 3M Electronics 427 Datasheet HTML 4Page - 3M Electronics 427 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
June, 2019
3M™ Aluminum Foil Tape 427
Product Description
3M™ Aluminum Foil Tape 427 combines a 3 mil nominal dead soft
aluminum foil backing with a transparent acrylic adhesive. 3M aluminum foil
tape 427 o ers an easy-release liner.
Product Features
• Flame resistant. Meets U.L. 746C (File E 122798) and 723, Class “L” low
ammability rating (File R 7311).
• 3M aluminum foil tape 427 can be certi ed to meet L-T-80C.
• Meets requirements of FAR 25.853(a).
• The very low moisture vapor transmission rate makes these tapes a good
sealant.
• The acrylic adhesive, combined with the durable aluminum backing, o ers
ideal properties for long serviceable life in and outdoors.
• Good candidate as a maskant in electroplating of aluminum because it will
not contaminate the bath.
• Aluminum backing provides excellent re ection of both heat and light.
• Best results obtained when applied to a clean, dry surface above 32°F
(0°C).
IMPORTANT: These tapes are not intended for medical usage. Neither 3M
nor the Food and Drug Administration have evaluated or reviewed this tape
for medical application. 3M does not recommend or endorse the usage of
the aluminum tape for medical application. User assumes all risk and liability
whatsoever in connection with usage of product in a medical application.


Similar Part No. - 427

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
427 ADAFRUIT-427 Datasheet
144Kb / 2P
Tiny Modular Snap Boxes - SMD component storage - 10 pack - Blue
7/21/2015
logo
Keystone Electronics Co...
427 KEYSTONE-427 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Pro-Signal
427-4258 PROSIGNAL-427-4258 Datasheet
26Kb / 1P
Coaxial Fly Leads
logo
Integrated Circuit Syst...
4270 ICST-4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Heyco.
4270 HEYCO-4270 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
More results

Similar Description - 427

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
1519CW 3M-1519CW Datasheet
138Kb / 4P
3M™ Venture Tape™ Aluminum Foil Tape 1519CW
Jan-2018
3363 3M-3363 Datasheet
29Kb / 2P
Aluminum Foil Tape
12150 3M-12150 Datasheet
126Kb / 5P
3M™ Aluminum Foil Headliner Tape
Jul-2012
4380 3M-4380 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 4380
Mar-2011
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
472 3M-472 Datasheet
127Kb / 5P
3M??Aluminum Foil Tape 427
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
431 3M-431 Datasheet
138Kb / 4P
3M™ Aluminum Foil Tape 431
May-2017
438 3M-438 Datasheet
141Kb / 5P
3M??Heavy Duty Aluminum Foil Tape 438
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com