Electronic Components Datasheet Search
  English  ▼

X  

427 Datasheet(PDF) 2 Page - 3M Electronics

Part # 427
Description  3M™ Aluminum Foil Tape 427
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

427 Datasheet(HTML) 2 Page - 3M Electronics

  427 Datasheet HTML 1Page - 3M Electronics 427 Datasheet HTML 2Page - 3M Electronics 427 Datasheet HTML 3Page - 3M Electronics 427 Datasheet HTML 4Page - 3M Electronics 427 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Aluminum Foil Tape 427
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Backing Color
Shiny silver
Total Tape Thickness
0.12 mm
4.6 mil
ASTM D3652
Backing Thickness
0.07 mm
2.8 mil
ASTM D3652
Backing
Dead soft aluminum
Adhesive
Acrylic
Liner
Easy-release paper
Liner Thickness
0.08 mm
3.1 mil
ASTM D3652
Approximate Weight
5.54 g/m/24 mm
0.012 lb/yd/in
Water Vapor
Transmission
0.77 g/m²/24 hr
0.05 g/100 in²/24 hr
ASTM D3833
Typical Performance Characteristics
Table continued on next page
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
180°
Peel
Adhesion
5.5 N/cm
50 oz/in
ASTM
D3330
Initial
Stainless
Steel
12 in/min (300 mm/min)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com