Electronic Components Datasheet Search
  English  ▼

X  

3015LF Datasheet(PDF) 2 Page - 3M Electronics

Part # 3015LF
Description  3M Permeable Liquid Flashing Membrane
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3015LF Datasheet(HTML) 2 Page - 3M Electronics

  3015LF Datasheet HTML 1Page - 3M Electronics 3015LF Datasheet HTML 2Page - 3M Electronics 3015LF Datasheet HTML 3Page - 3M Electronics 3015LF Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3M™Permeable Liquid Flashing Membrane 3015LF
When referencing the AAMA 200-12 (windows) and/or 400-13 (doors) standards, the 3M
solutions for these standards include:
•
3M™ Permeable Liquid Flashing Membrane 3015LF, an STPE-based membrane, brush/roller-
grade liquid flashing
•
3M™ Adhesive Sealant 740UV, a STPE-base, gun-grade, non-sag waterproofing sealant
Together, these STPE-based materials allow for wet-on-wet applications and minimize downtime.
Application Ideas
•Window openings
• Pipes and penetrations
• I-beams and posts
• Complex details
• Details that are difficult to flash with a sheet membrane
Typical Physical
Note: The following technical information and data should be considered
Properties
representative or typical only and should not be used for specification purposes.
90° Peel Adhesion Test Procedure
Exposures and peel testing were conducted in accordance with ASTM D4541.
SURFACE
RESULTS
Concrete
Lbs. /inch (N/25 mm)
Initial – 72 Hrs. RT
12.73 (56.6)
After Thermal Cycling
11.87 (52.8)
Aging
13.40 (59.6)
Exterior Grade Gypsum Board
Initial – 72 Hrs. RT
*2.90 (12.9)
After Thermal Cycling
*3.00 (13.3)
Aging
*1.60 (7.1)
* Separated fiberglass facer mat from gypsum core.
Air Permeance of membrane:
@ 75 Pa (0.3 in/wg.)
< 0.0003 L/s/m2
(< 0.00006 cfm/ft2 )
ASTM E2178
Air Leakage of assembled wall:
Pull Adhesion – Concrete
Min 110 kPa
1137.6 kPa
ASTM D4541
Pull Adhesion – Method B Exterior Gypsum
Board Min 110 kPa
339.0 kPa
ASTM D4541
Water Resistance:
55 cm (2.16 inches) of water for 5 hours
PASS
AATCC 127
Surface Burning Characteristics:
Flame Spread Index
Smoke Developed
Value Rating
15
0
Class A
ASTME84
ASTME84
ICC AC 38
Tensile Strength (coated membrane)
Elongation at Break
psi
ASTM D412
ASTM D412
220
410 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com