Electronic Components Datasheet Search
  English  ▼

X  

3015LF Datasheet(PDF) 3 Page - 3M Electronics

Part # 3015LF
Description  3M Permeable Liquid Flashing Membrane
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3015LF Datasheet(HTML) 3 Page - 3M Electronics

  3015LF Datasheet HTML 1Page - 3M Electronics 3015LF Datasheet HTML 2Page - 3M Electronics 3015LF Datasheet HTML 3Page - 3M Electronics 3015LF Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3M™Permeable Liquid Flashing Membrane 3015LF
Wood
Initial – 72 Hrs. RT
7.98 (35.5)
After Thermal Cycling
11.30 (50.3)
Aging
11.35 (50.5)
Steel
Initial – 72 Hrs. RT
14.48 (64.4)
After Thermal Cycling
13.75 (61.1)
Aging
11.78 (52.5)
Application
Instructions
SURFACE PREPARATION
•
To obtain the best adhesion, 3M™ Permeable Liquid Flashing Membrane 3015LF
should be applied when temperatures range from 25° to 100°F
(-4° to 38°C).
•
Surfaces should be clean, free from dirt and debris and have not absorbed water.
•
Surfaces should be free of any damaged, unsupported areas, sharp protrusions or
voids.
•
Concrete must be cured a minimum of 7 days before application.
•
Block or brick walls should have mortar joints stuck flush.
•
While it can be applied as low as 25°F (-4°C) surfaces must be clear of snow, ice
or frost.
•
Must be lapped a minimum of 2" with air barrier.
MIXING
Thoroughly mix the entire container of liquid flashing with a slow-speed (200 to 400
rpm) mechanical mixer (electric drill with a mixing paddle) for two minutes or stick stir
until the liquid flash has a consistent white color.
APPLICATION
Fill gaps and cracks exceeding 1/8" width with 3M™ Adhesive Sealant 740 UV, and tool
the surface flush and smooth. Fill gaps exceeding ½"width with closed cell foam backer
rod or a foam seal. Then with 3M™ Adhesive Sealant 740 UV, and tool the surface flush
and smooth.
After mixing the liquid flash, apply to a clean prepared surface using a at least a 3/8" (8.5
mm) nap roller with rounded edges or 2″ (50 mm) or wider brush. 3015LF can also be
spray applied.
Apply a minimum of 50 mils (1.27 mm) of liquid flashing onto the horizontal pan or sill
surface and a minimum of 10 mils (0.254 mm) of liquid flashing onto the vertical surface.
Test the thickness using a wet mil gauge. Make sure material contains of no pinholes and
is void-free and undamaged.
Apply pail cover when not in use to prevent the liquid flash from skinning over.
Extend surface preparation a minimum of 2" (50 mm) beyond the termination of the
flashing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com