Electronic Components Datasheet Search
  English  ▼

X  

NPS Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # NPS
Description  ON/OFF Input Sensor Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NPS Datasheet(HTML) 4 Page - Panasonic Semiconductor

  NPS Datasheet HTML 1Page - Panasonic Semiconductor NPS Datasheet HTML 2Page - Panasonic Semiconductor NPS Datasheet HTML 3Page - Panasonic Semiconductor NPS Datasheet HTML 4Page - Panasonic Semiconductor NPS Datasheet HTML 5Page - Panasonic Semiconductor NPS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ON/OFF Input Sensor Controller
NPS SERIES
964
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
Mounting
Stand
Sensor
Checker
Sensor
Controller
Other
Products
NPS
PRECAUTIONS FOR PROPER USE
Refer to p.1595 for general precautions.
• Never use this product in a device for personnel protection.
• In case of using devices for personnel protection, use products which meet laws and standards, such as OSHA, ANSI or IEC
etc., for personnel protection applicable in each region or country.
Functional description
NPS-C7
⑮
⑮
⑤
②
①
⑧
⑨
①
⑫
⑭ ⑬
⑮
⑮
⑩
⑤
⑪
②
④
①
⑮
⑮
⑦
⑥
③
NPS-CT7
NPS-C7W
Description
Function
① Power indicator
(Red LED)
Lights up when the power is ON.
② Output indicator
(Red LED)
Lights up when the output is ON.
③ Sensor 1 output
indicator (Red LED)
④ Sensor 2 output
indicator (Red LED)
⑤
Sensor signal
input selection
switch
Selects the output operation.
INV.
NORM.
INV.: The output is ON when the sensor signal input is High.
NORM.: The output is ON when the sensor signal input is Low.
⑥ Sensor 1 output
operation mode switch
Selects the output operation.
INV.
NORM.
INV.: The output is ON when the sensor signal input is High.
NORM.: The output is ON when the sensor signal input is Low.
⑦ Sensor 2 output
operation mode switch
⑧ Sensor signal input
indicator (Red LED)
Indicates the state of the sensor signal input. The
operation differs according to the mode set with ⑤
Sensor signal input selection switch.
INV.: Lights up when the sensor signal input is High.
NORM.: Lights up when the sensor signal input is Low.
⑨
External
synchronization input
indicator (Red LED)
Indicates the state of the external synchronization
input. Lights up when the external synchronization
input does not disable the output.
Block diagrams (The diagrams below explain NPS’s operation in a simple manner. The actual circuits may differ slightly.)
NPS-C7
Relay output
Open-collector
output
AND
12 V
IN
ES
12 V
INV.
INV.
Sensor signal input selection switch
Output indicator
NPS-C7W
12 V
IN 1
INV.
INV.
Sensor 1 output operation mode switch
Sensor 2 output operation mode switch
12 V
IN 2
Relay
output 1
Sensor 1
output indicator
Sensor 2
output indicator
Relay
output 2
INV.
INV.
NPS-CT7
12 V
IN
Sensor signal input selection switch
External synchronization operation mode switch
Timer operation mode switch
12 V
ES
Relay output
External synchronization
input indicator
Open-collector
output
Edge
AND
OND
OFD
OSD
Without timer
Gate/Edge trigger
operation mode switch
Output indicator
Delay time selection switch
Timer adjuster
INV.
Sensor signal
input indicator
INV.
INV.
Description
Function
⑩
External
synchronization
operation mode
switch
Selects the operation of external synchronization.
INV.
NORM.
INV.: The output is neglected when the external
synchronization input is High.
NORM.: The output is neglected when the external
synchronization input is Low.
⑪
Gate/Edge
trigger operation
mode switch
Selects Gate trigger or Edge trigger.
: Effective at the instant the external
synchronization input is applied.
: Effective over the period for which the external
synchronization input is applied.
⑫ Timer period
selection switch
Selects the timer period.
1sec.
10sec.
1 sec.: Variable from 40 ms approx. to 1 sec. approx.
10 sec.: Variable from 0.4 sec. approx. to 10 sec. approx.
⑬ Timer operation
mode switch
Selects the timer operation.
A
Ineffective B ON-delay C OFF-delay D ONE SHOT
⑭
Timer adjuster Set the timer period.
⑮
Terminal block
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com