Electronic Components Datasheet Search
  English  ▼

X  

NPS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # NPS
Description  ON/OFF Input Sensor Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NPS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  NPS Datasheet HTML 1Page - Panasonic Semiconductor NPS Datasheet HTML 2Page - Panasonic Semiconductor NPS Datasheet HTML 3Page - Panasonic Semiconductor NPS Datasheet HTML 4Page - Panasonic Semiconductor NPS Datasheet HTML 5Page - Panasonic Semiconductor NPS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
961
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Sensor Mounting
Stand
Sensor
Checker
Sensor
Controller
Other Products
NPS
ON/OFF Input Sensor Controller
NPS SERIES
■General terms and conditions.............F-3 ■General precautions.....................P.1595
Multi-functional DIN rail mounting slim sensor controller
panasonic.net/id/pidsx/global
DIN rail mounting
Mountable on 35 mm 1.378 in DIN rail by one-push.
It reduces mounting space and mounting operations.
35 mm 1.378 in
width DIN rail
Edge trigger
Synchronized input is possible at either the rising or
the falling edge of the external synchronization signal.
With this, now only one controller suffices where earlier
two were required in applications, such as, detecting
presence of bottle caps.
NPS-CT7
Example: Detecting presence of cap on bottle
• Conventional method
• Using
NPS-CT7
External
synchronization
input
Output
Sensor for sensing
Sensor signal input
Controller
Controller
with timer
Synchronizing
sensor
External
synchronization
input
Output
NPS-CT7
Sensor signal
input
Effective (condition for making output ON)
Ineffective
Effective
Ineffective (condition for disabling output)
External
synchronization
input
Output
5 μs approx.
No cap
Cap present
ON
OFF
Two outputs: contact and non-contact
Useful for various applications because the controller
has two outputs, relay contact and NPN open-collector
transistor output.
NPS-C7, NPS-CT7
Connects two sensors
Two sensors can be connected, and two independent
outputs are generated.
NPS-C7W


Similar Part No. - NPS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
NPS MERITEK-NPS Datasheet
276Kb / 2P
Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
NPS ILLINOISCAPACITOR-NPS Datasheet
192Kb / 2P
Small size ??Non/Bi-polar
logo
Neutrik AG
NPS-30W NEUTRIK-NPS-30W Datasheet
353Kb / 3P
NPS-30W is Neutriks answer to increasing demand for PoE injectors.
logo
Nexperia B.V. All right...
NPS1000 NEXPERIA-NPS1000 Datasheet
1Mb / 18P
0.5 V to 1.0 V, 1.5 A peak, 11 mΩ, load switch
Rev. 1 - 29 March 2024
logo
MERITEK ELECTRONICS COR...
NPS16V100MTA5X5 MERITEK-NPS16V100MTA5X5 Datasheet
276Kb / 2P
Aluminum Electrolytic Capacitors
More results

Similar Description - NPS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
Pushbutton On/Off Controller
logo
SignalQuest, Inc.
SQ-SEN-6XX SIGNALQUEST-SQ-SEN-6XX Datasheet
677Kb / 8P
ON/OFF TILT SENSOR
SQ-SEN-390 SIGNALQUEST-SQ-SEN-390 Datasheet
523Kb / 6P
ON/OFF TILT SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com