Electronic Components Datasheet Search
  English  ▼

X  

5200 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5200
Description  Marine Adhesive/Sealant Fast Cure 5200
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5200 Datasheet(HTML) 2 Page - 3M Electronics

  5200 Datasheet HTML 1Page - 3M Electronics 5200 Datasheet HTML 2Page - 3M Electronics 5200 Datasheet HTML 3Page - 3M Electronics 5200 Datasheet HTML 4Page - 3M Electronics 5200 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
- 2 -
3M
™ Marine Adhesive/Sealant Fast Cure 5200
06520 • 05220
Performance Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Tensile and Elongation Test: A 1/8 inch (0.3175 cm) dumbbell specimen with
a 1/8 inch (0.3175 cm) square cross section was tested at 2.0 inches/minute
(5.08 cm/minute).
Relative
Humidity
Temperature
Tensile Strength
psi (kg/cm2)
Elongation
(%)
50%
70°F (21°C)
1000 (70.3)
874
Overlap Shear Strength: One inch (2.54 cm) overlap specimens (0.093 inch
[0.2362 cm] thickness). Samples cured at 70°F (21°C), 50% relative humidity.
Substrate
psi
kg/cm
2
Wood(s):
Teak
Pine
Oak
Maple
Fir
Mahogany
335
543
518
597
600
407
25.0
38.2
36.4
42.0
42.2
28.6
Metal(s):
Steel
Stainless Steel
Aluminum
Brass
Bronze
Copper
Lead
Zinc (Galvanized)
316
197
203
184
176
182
160
269
22.2
13.8
14.3
12.9
12.4
12.8
11.2
18.9
Plastics/Polymers:
Fiberglass
Gelcoat
Polycarbonate
Acrylic
Nylon
ABS
Polypropylene
Polyethylene
269
600
409
149
140
262
66
0
18.9
42.2
28.7
10.5
9.8
18.4
4.6
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com