Electronic Components Datasheet Search
  English  ▼

X  

5200 Datasheet(PDF) 3 Page - 3M Electronics

Part # 5200
Description  Marine Adhesive/Sealant Fast Cure 5200
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5200 Datasheet(HTML) 3 Page - 3M Electronics

  5200 Datasheet HTML 1Page - 3M Electronics 5200 Datasheet HTML 2Page - 3M Electronics 5200 Datasheet HTML 3Page - 3M Electronics 5200 Datasheet HTML 4Page - 3M Electronics 5200 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 3 -
3M
™ Marine Adhesive/Sealant Fast Cure 5200
06520 • 05220
Application
Information
Directions for Use
Surface Preparation:
There are waxes, coatings, sealants, grease, oil and other contaminants used in the
marine industry, making it very important to clean all surfaces to be bonded before
applying 3M™ Marine Adhesive/Sealant Fast Cure 5200. Recommended procedures
include cleaning with 3M™ General Purpose Adhesive Cleaner 08984.*
Application of Adhesive Sealant:
Abrading the surfaces with a 180 grit to 220 grit abrasive will enhance the bond
strength. Cut tip to desired bead size, puncture seal in nozzle and remove the seal at
bottom end of cartridge. Place cartridge in a caulk gun. Apply 3M Marine
Adhesive/Sealant Fast Cure 5200 to the seam or part to be bonded. Position parts.
Tool material to desired appearance. Remove excess with 3M General Purpose
Adhesive Cleaner 08984.*
Sealant should be used within 24 hours after inner seal is punctured, as product will
start to cure in the cartridge and nozzle.
Cure:
Cure
Relative
Humidity
Temperature
Time
Cure Depth
Open Time
50%
70°F (21°C)
1 hour
N/A
Open Time
90%
90°F (32°C)
15 minutes
N/A
Full Cure
50%
70°F (21°C)
24 hours
1/8 inch (0.3175 cm)
Cleanup:
For cleaning 3M Marine Adhesive/Sealant Fast Cure 5200 before it is cured, use a
dry cloth to remove the majority of sealant, followed by a cloth damp with 3M
General Purpose Adhesive Cleaner 08984,* toluene or acetone. Cured 3M Marine
Adhesive/ Sealant Fast Cure 5200 can be removed mechanically with a knife, razor
blade or sanding.
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
Limitations:
- Alcohol should not be used in preparation for bonding as it will stop the curing
process.
- Heat resistance - Maximum 190°F (88°C). Due to the decreased value in bond
strength at elevated temperatures, we do not recommend use of this product above
190°F (88°C).
- Do not apply at temperatures below 40°F (4°C) or on frost covered surfaces.
- 3M Marine Adhesive/Sealant Fast Cure 5200 is not recommended for use as a teak
deck seam sealer. Extended exposure to chemicals (teak cleaners, oxalic acid,
gasoline, strong solvents and other harsh chemicals) may cause permanent
softening of the sealant.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com