Electronic Components Datasheet Search
  English  ▼

X  

5010 Datasheet(PDF) 3 Page - 3M Electronics

Part # 5010
Description  3M™ Polyurethane Multi-Purpose Adhesive 5010
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5010 Datasheet(HTML) 3 Page - 3M Electronics

  5010 Datasheet HTML 1Page - 3M Electronics 5010 Datasheet HTML 2Page - 3M Electronics 5010 Datasheet HTML 3Page - 3M Electronics 5010 Datasheet HTML 4Page - 3M Electronics 5010 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Polyurethane Multi-Purpose Adhesive 5010
Typical Physical Properties
Property
Values
Notes
VOC
2.1 g/L
0.02 lb/gal
Approximate Coverage
38 lineal m
126 lineal ft
10.5 oz. [310 mm Cartridge]; 1/8 in (3 mm) bead
Speci c Gravity
1.05
Open Time
3 to 5 min
Pressing Time
30 min
Final Setting Time
24 h
Typical Environmental Performance
Temperature Resistance
Long term exposure to temperatures greater than 212°F (100°C) will decrease tensile strength over time. Do not use these products in applications where the
temperatures will continuously exceed 212°F (100°C).
Handling/Application Information
Application Ideas:
Application Equipment
Cartridge:
A variety of applicators are available. Please contact your sales rep for assistance in selecting an applicator.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com