Electronic Components Datasheet Search
  English  ▼

X  

3798LM Datasheet(PDF) 2 Page - 3M Electronics

Part # 3798LM
Description  3M™ Hot Melt Adhesive 3798LM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3798LM Datasheet(HTML) 2 Page - 3M Electronics

  3798LM Datasheet HTML 1Page - 3M Electronics 3798LM Datasheet HTML 2Page - 3M Electronics 3798LM Datasheet HTML 3Page - 3M Electronics 3798LM Datasheet HTML 4Page - 3M Electronics 3798LM Datasheet HTML 5Page - 3M Electronics 3798LM Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Hot Melt Adhesive 3798LM
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Uncured Physical Properties
Color: O White
Additional Information
Notes: Colors may vary from nearly white to yellow/amber. Adhesive performance is not a ected by color variation.
Typical Physical Properties
Property Values
Notes
Test
Condition
Substrate
Method
Flash
Point
246 °C
474 °F
C.O.C.
Viscosity 9500
Brook eld Thermocel Viscometer in
Centipoise using a #27 Spindle @ 10
RPM.
250°F(121°C)
Speci c
Gravity
0.91
Open
Time
30 s
1/8" semicircular bead
Cardboard
to
Cardboard
Ball &
Ring
88 °C
191 °F
ASTM
E-28-
607
Handling/Application Information
Application Ideas
Ideal for securing items in place while shrink-wrapping and can be used to attach business cards, coupons, inserts,
credit cards, samples, etc. to brochures and mailings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com